Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 38 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 38 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 34Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 35Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 36Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 37Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 38Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 39Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 40Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 41Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 42Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 26
MII Status Register
Document
5220-DS04-405-R
MII STATUS REGISTER
The MII status register bit descriptions are shown in Table 10.
100BASE-T4 Capability
The BCM5220 is not capable of 100BASE-T4 operation, and returns a 0 when bit 15 of the status register is read.
100BASE-X Full-Duplex Capability
The BCM5220 is capable of 100BASE-X full-duplex operation, and returns a 1 when bit 14 of the Status register is read.
100BASE-X Half-Duplex Capability
The BCM5220 is capable of 100BASE-X half-duplex operation, and returns a 1 when bit 13 of the Status register is read.
10BASE-T Full-Duplex Capability
The BCM5220 is capable of 10BASE-T full-duplex operation, and returns a 1 when bit 12 of the Status register is read.
Table 10: MII Status Register (Address 00001B, 01d, 01h)
Bit
Name
R/W
Description
Default
15
100BASE-T4 Capability
RO
0 = Not 100BASE-T4 capable
0
14
100BASE-TX FDX Capability
RO
1 = 100BASE-TX full-duplex capable
1
13
100BASE-TX Capability
RO
1 = 100BASE-TX half-duplex capable
1
12
10BASE-T FDX Capability
RO
1 = 10BASE-T full-duplex capable
1
11
10BASE-T Capability
RO
1 = 10BASE-T half-duplex capable
1
10:7
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
RO
Ignore when read
Ignore when read
0
6
MF Preamble Suppression
R/W
1 = Preamble may be suppressed
0 = Preamble always required
0
5
Auto-Negotiation Complete
RO
1 = Auto-negotiation process completed
0 = Auto-negotiation process not completed
0
4
Remote Fault
RO
1 = Far-end fault condition detected
0 = No far-end fault condition detected
0
3
Auto-Negotiation Capability
RO
1 = Auto-negotiation capable
0 = Not Auto-negotiation capable
1
2Link Status
RO
LL
1 = Link is up (link pass state)
0 = Link is down (link fail state)
0
1
Jabber Detect
RO
LL
1 = Jabber condition detected
0 = No jabber condition detected
0
0
Extended Capability
RO
1 = Extended register capable
1
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = latched low, LH = latched high (LL and LH are cleared
after read operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com