Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 9Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 10Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 11Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 12Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 13Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 14Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 15Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 16Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 17Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Overview
Page 1
Secti on 1: Fu nction al Descri p ti on
OVERVIEW
The BCM5220 is a single-chip Fast Ethernet transceiver. It performs all of the physical layer interface functions for 100BASE-
TX full-or half-duplex Ethernet on CAT 5 twisted pair cable and 10BASE-T full-or half-duplex Ethernet on CAT 3, 4 or 5 cable.
It may also be configured for 100BASE-FX full-or half-duplex transmission over fiber-optic cabling when paired with an
external fiber-optic line driver and receiver.
The chip performs 4B5B, MLT3, NRZI, and Manchester encoding and decoding, clock and data recovery, stream cipher
scrambling/descrambling, digital adaptive equalization, line transmission, carrier sense and link integrity monitor, auto-
negotiation and Media Independent Interface (MII) management functions. The BCM5220 can be connected to a MAC
switch controller through the MII on one side, and connects directly to the network media on the other side (through isolation
transformers for unshielded twisted pair (UTP) modes or fiber-optic transmitter/receiver components for FX modes). The
BCM5220 is fully compliant with the IEEE 802.3 and 802.3u standards.
ENCODER/DECODER
In 100BASE-TX and 100BASE-FX modes, the BCM5220 transmits and receives a continuous data stream on twisted-pair
or fiber-optic cable. When the MII transmit enable is asserted, nibble-wide (4-bit) data from the transmit data pins is encoded
into 5-bit code groups and inserted into the transmit data stream. The 4B5B encoding is shown in Table 1 on page 5. The
transmit packet is encapsulated by replacing the first 2 nibbles of preamble with a start of stream delimiter (J/K codes) and
appending an end of stream delimiter (T/R codes) to the end of the packet. When the MII transmit error input is asserted
during a packet, the transmit error code group (H) is sent in place of the corresponding data code group. The transmitter
repeatedly sends the idle code group between packets.
In TX mode, the encoded data stream is scrambled by a stream cipher block and then serialized and encoded into MLT3
signal levels. A multi-mode transmit DAC is used to drive the MLT3 data onto the twisted pair cable. In FX mode, the
scrambling function is bypassed and the data is NRZI encoded. The multimode transmit DAC drives differential positive ECL
(PECL) levels to an external fiber-optic transmitter.
Following baseline wander correction, adaptive equalization, and clock recovery in TX mode, the receive data stream is
converted from MLT3 to serial NRZ data. The NRZ data is descrambled by the stream cipher block and then deserialized
and aligned into 5-bit code groups.
In FX mode, the receive data stream differential PECL levels are sampled from the fiber-optic receiver. Baseline wander
correction, adaptive equalization, and stream cipher descrambling functions are bypassed and NRZI decoding is used
instead of MLT3.
The 5-bit code groups are decoded into 4-bit data nibbles, as shown in Table 1. The start of stream delimiter is replaced with
preamble nibbles and the end of stream delimiter and idle codes are replaced with all zeros. The decoded data is driven onto
the MII receive data pins. When an invalid code group is detected in the data stream, the BCM5220 asserts the MII RXER
signal. The chip also asserts RXER for several other error conditions that improperly terminate the data stream. While RXER
is asserted, the receive data pins are driven with a 4-bit code indicating the type of error detected. The error codes are listed
in Table 2 on page 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com