Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 62 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 62 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 58Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 59Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 60Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 61Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 62Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 63Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 64Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 65Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 66Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 50
Auxiliary Mode Register
Document
5220-DS04-405-R
When bit 2 of the Auxiliary Control register is 0, the speed of the chip is 10BASE-T. In all other cases, either the speed is
not forced (auto-negotiation is enabled), or the speed is forced to 100BASE-X.
Speed Indication
This read-only bit shows the true current operation speed of the BCM5220. A 1 bit indicates 100BASE-X operation, while a
0 indicates 10BASE-T. While the auto-negotiation exchange is performed, the BCM5220 is always operating at 10BASE-T
speed.
Full-Duplex Indication
This read-only bit returns a 1 when the BCM5220 is in full-duplex mode. In all other modes, it returns a 0.
AUXILIARY MODE REGISTER
Table 28 shows the bit descriptions for the Auxiliary Mode register.
Activity LED Disable
When set to 1, disables the XMTLED# and RCVLED# output pins. When 0, XMTLED# and RCVLED# output pins are
enabled.
Link LED Disable
When set to 1, disables the Link LED output pin. When 0, Link LED output is enabled.
Table 28: Auxiliary Mode Register (Address 29d, 1Dh)
Bit
Name
R/W
Description
Default
15:13
Reserveda
RO
Ignore when read
12
Alternative Link LED Mode
R/W
1 = LNKLED# indicates link at 100Base-TX,
SPDLED# indicates link at 10BASE-T.
0 = Normal operation for LNKLED# and SPDLED#.
0
11:5
Reserveda
RO
Ignore when read
0
4
Activity LED Disable
R/W
1 = Disable XMT/RCV activity LED outputs
0 = Enable XMT/RCV activity LED outputs
0
3
Link LED Disable
R/W
1 = Disable link LED output
0 = Enable link LED output
0
2
Reserveda
RO
Ignore when read
1
Block TXEN Mode
R/W
1 = Enable block TXEN mode
0 = Disable block TXEN mode
0
0
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
RO
Ignore when read
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com