Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 45 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 45 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 41Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 42Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 43Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 44Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 45Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 46Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 47Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 48Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 49Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
MII Status Register
Page 33
AUTO-NEGOTIATION EXPANSION REGISTER
Table 14 shows the Auto-Negotiation Expansion Register bit descriptions.
Reserved Bits
Ignore when read.
Parallel Detection Fault
Bit 4 of the Auto-Negotiation Expansion register is a read-only bit that gets latched high when a parallel detection fault occurs
in the auto-negotiation state machine. For further details, refer to the IEEE standard. The bit is reset to 0 after the register is
read, or when the chip is reset.
Link Partner Next Page Able
Bit 3 of the Auto-Negotiation Expansion register returns a 1 when the link partner has next page capabilities. It has the same
value as bit 15 of the Link Partner Ability register.
Next Page Able
The BCM5220 returns 1 when bit 2 of the Auto-Negotiation Expansion register is read, indicating that it has next page
capabilities.
Page Received
Bit 1 of the Auto-Negotiation Expansion register is latched high when a new link code word is received from the link partner,
checked, and acknowledged. It remains high until the register is read, or until the chip is reset.
Table 14: Auto-Negotiation Expansion Register (Address 00110b, 6d, 06h)
Bit
Name
R/W
Description
Default
15:5
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
RO
Ignore when read
4
Parallel Detection Fault
RO
LH
1 = Parallel detection fault
0 = No parallel detection fault
0
3
Link Partner Next Page Able
RO
1 = Link partner has next page capability
0 = Link partner does not have next page
0
2
Next Page Able
RO
1 = BCM5220 does have next page capability
1
1
Page Received
RO
1 = New page has been received
0 = New page has not been received
0
0
Link Partner Auto-
Negotiation Able
RO
LH
1 = Link partner has auto-negotiation capability
0 = Link partner does not have auto-negotiation
0
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = latched low, LH = latched high (LL and LH are cleared
after read operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com