Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 60 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 60 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 56Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 57Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 58Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 59Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 60Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 61Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 62Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 63Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 64Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 48
Auxiliary Mode 2 Register
Document
5220-DS04-405-R
Token Ring Mode
When enabled, the 100BASE-X unlock timer changes to allow long packets.
Block 10BASE-T Echo Mode
When enabled, during 10BASE-T half-duplex transmit operation, the TXEN signal does not echo onto the RXDV pin. The
TXEN echoes onto the CRS pin and the CRS deassertion directly follows the TXEN deassertion.
Traffic Meter LED Mode
When enabled, the Activity LEDs (ACTLED# and FDXLED# if full-duplex LED and interrupt LED modes are not enabled)
does not blink based on the internal LED clock (approximately 80 ms on time). Instead, they blink based on the rate of
Receive and Transmit activity. Each time a Receive or Transmit operation occurs, the LED turns on for a minimum of 5 ms.
During light traffic, the LED blinks at a low rate, while during heavier traffic the LEDs remains on.
Activity LED Force On
When asserted, the Activity LEDs (ACTLED# and FDXLED# if full-duplex LED and interrupt LED modes are not enabled) is
turned on. This bit has a higher priority than the Activity LED force Inactive, bit 4, register 1Dh.
Activity/Link LED Mode
When enabled, the RCVLED# output goes active upon acquiring link and pulses during Receive or Transmit activity.
Qualified Parallel Detect Mode
This bit allows the auto-negotiation/parallel detection process to be qualified with information in the Advertisement register.
If this bit is not set, the local BCM5220 device is enabled to auto-negotiate, and the far-end device is a 10BASE-T or
100BASE-X non-auto-negotiating legacy type, the local device auto-negotiate/parallel detects the far-end device, regardless
of the contents of its Advertisement register (04h).
If this bit is set, the local device compares the link speed detected to the contents of its Advertisement register. If the
particular link speed is enabled in the Advertisement register, the local device asserts link. If the link speed is disabled in this
register, then the local device does not assert link and continues monitoring for a matching capability link speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com