Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 1 Page - Broadcom Corporation.

  5220-DS03-R Datasheet HTML 1Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 2Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 3Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 4Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 5Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 6Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 7Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 8Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
PRELIMINARY DATA SHEET
BCM5220
5220-DS04-405-R
16215 Alton Parkway • P.O. Box 57013 • Irvine, CA 92619-7013 • Phone: 949-450-8700 • Fax: 949-450-8710
04/20/04
10/100BASE-TX/FX Mini-
Φ™ Transceiver
Figure 1: Functional Block Diagram
GENERAL DESCRIPTION
FEATURES
The BCM5220 is a single channel, low-power, 10/
100BASE-TX/FX transceiver targeting a number of
applications requiring intelligent power management and
robust network tolerance. The BCM5220 operates at
3.3V or 2.5V. The devices contain a full-duplex 10BASE-
T/100BASE-TX/100BASE-FX Fast Ethernet transceiver,
which performs all of the physical layer interface functions
for 10BASE-T Ethernet on CAT 3, 4, and 5 unshielded
twisted pair (UTP) cable and 100BASE-TX Fast Ethernet
on CAT 5 UTP cable. In addition, pin-compatibility with
the BCM5221 offers the flexibility of an upgrade path.
100BASE-FX is supported through the use of external
fiber-optic transmit and receive devices.
The BCM5220 is a highly integrated solution combining a
digital adaptive equalizer, ADC, phase lock loop, line
driver, encoder, decoder and all the required support
circuitry into a single monolithic CMOS chip. It complies
fully with the IEEE 802.3u specification, including the
Media Independent Interface (MII) and Auto-Negotiation
subsections.
The effective use of digital technology in the BCM5220
design results in robust performance over a broad range
of operating scenarios. Problems inherent to mixed-
signal implementations, such as analog offset and on-
chip noise, are eliminated by employing field proven
digital adaptive equalization and digital clock recovery
techniques.
•
Power Supply: 2.5V or 3.3V
•
Integrated Voltage Regulator to Allow Operation from
a Single Supply Source
•
Power Consumption: <275 mW
•
Unique Energy Detection Circuit to Enable Intelligent
Power Management
•
Cable Length Indication
•
Cable Noise Level Indication
•
Robust CESD Tolerance
•
Cable Length Greater Than 140 meters
•
Well Under 10 PPM Defect Ratio Quality
•
+10% Voltage Tolerance
•
Industrial Temperature Range (-40 to 85C)
•
MII and 7-wire Serial Interface Configurable
•
IEEE 1149.1 (JTAG) Scan Chain Support
•
MII Management Via Serial Port
•
Pin-compatible with BCM5221
•
10BASE-T/100BASE-TX/FX
IEEE
802.3u
Fast
Ethernet Transceiver
•
64-pin TQFP or 64-pin BGA Package
APPLICATIONS
•
PCMCIA/CardBus cards
•
LAN on motherboard
•
IP phones
•
Cable modems
•
Set-top boxes and print servers
•
Wireless access points
•
Embedded telecom
ADC


Similar Part No. - 5220-DS03-R

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5220-2C ALPHAWIRE-5220-2C Datasheet
410Kb / 4P
20 (7/28) AWG Tinned Copper
logo
Bourns Electronic Solut...
5220-RC BOURNS-5220-RC Datasheet
2Mb / 2P
5200 Series - Hash Choke
5220-RC BOURNS-5220-RC Datasheet
2Mb / 2P
5200 Series - Hash Choke
5220-RC BOURNS-5220-RC Datasheet
2Mb / 2P
Hash Choke
More results

Similar Description - 5220-DS03-R

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5221 BOARDCOM-BCM5221_07 Datasheet
281Kb / 2P
10/100BASE-TX/FX Mini-過 Transceiver
BCM5226 BOARDCOM-BCM5226_04 Datasheet
140Kb / 2P
10/100BASE-TX/FX HEX-過 TRANSCEIVER
BCM5228 BOARDCOM-BCM5228_04 Datasheet
130Kb / 2P
10/100BASE-TX/FX HEX-過 TRANSCEIVER
BCM5221A4KPTG BOARDCOM-BCM5221A4KPTG Datasheet
208Kb / 2P
10/100BASE-TX/FX Mini-過??Transceiver
logo
Micrel Semiconductor
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
Physical Layer Transceiver 10/100BASE-T/TX/FX
logo
Broadcom Corporation.
BCM5221KPB BOARDCOM-BCM5221KPB Datasheet
189Kb / 2P
10/100BASE-TX/FX Mini-過??Transceiver
BCM5221A4KMLG BOARDCOM-BCM5221A4KMLG Datasheet
189Kb / 2P
10/100BASE-TX/FX Mini-過??Transceiver
BCM5227 BOARDCOM-BCM5227 Datasheet
1Mb / 82P
10/100BASE-TX/FX Octal Transceiver
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
10/100BASE-TX/FX Octal Transceiver
logo
Realtek Semiconductor C...
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com