Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 64 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 64 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 60Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 61Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 62Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 63Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 64Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 65Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 66Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 67Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 68Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 52
Auxiliary Multiple PHY Register
Document
5220-DS04-405-R
Restart Auto-Negotiation
This self-clearing bit allows the auto-negotiation process to be restarted, regardless of the current status of the state
machine. For this bit to work, auto-negotiation must be enabled. Writing a 1 to this bit restarts auto-negotiation. Since the bit
is self-clearing, it always returns a 0 when read. The operation of this bit is identical to bit 9 of the Control register.
Auto-Negotiation Complete
This read-only bit returns a 1 after the auto-negotiation process has been completed. It remains 1 until the auto-negotiation
process is restarted, a Link Fault occurs, or the chip is reset. If auto-negotiation is disabled or the process is still in progress,
the bit returns a 0.
Acknowledge Complete
This read-only bit returns a 1 after the acknowledgment exchange portion of the auto-negotiation process has been
completed and the Arbitrator state machine has exited the Complete Acknowledge state. It remains this value until the auto-
negotiation process is restarted, a Link Fault occurs, auto-negotiation is disabled, or the BCM5220 is reset.
Acknowledge Detected
This read-only bit is set to 1 when the arbitrator state machine exits the acknowledged detect state. It remains high until the
auto-negotiation process is restarted, or the BCM5220 is reset.
Ability Detect
This read-only bit returns a 1 when the auto-negotiation state machine is in the Ability Detect state. It enters this state a
specified time period after the auto-negotiation process begins, and exits after the first FLP burst or link pulses are detected
from the link partner. This bit returns a 0 any time the auto-negotiation state machine is not in the Ability Detect state.
Super Isolate
Writing a 1 to this bit places the BCM5201 into the Super Isolate mode. Additionally, all link pulses are suppressed. This
allows the BCM5201 to coexist with another PHY on the same adapter card, with only one being activated at any time.
10BASE-T Serial Mode
Writing a 1 to bit 1 of the Auxiliary Mode register enables the 10BASE-T Serial mode. In the special 10BASE-T Serial mode,
data packets traverse to the MAC layer across only TXD0 and RXD0 at a rate of 10 MHz. Serial operation is not available
in 100BASE-X mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com