Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 49 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 49 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 45Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 46Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 47Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 48Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 49Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 50Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 51Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 52Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 53Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auto-Negotiation Link Partner (LP) Next Page Transmit Register
Page 37
100BASE-X AUXILIARY CONTROL REGISTER
Transmit Disable
The transmitter can be disabled by writing a 1 to bit 13 of MII register 10h. The transmitter output (TD±) is forced into a high
impedance state.
Bypass 4B5B Encoder/Decoder
The 4B5B encoder and decoder can be bypassed by writing a 1 to bit 10 of MII register 10h. The transmitter sends 5B codes
from the TXER and TXD3, TXD2, TXD1,TXD0 pins directly to the scrambler. TXEN must be active and frame encapsulation
(insertion of J/K and T/R codes) is not performed. The receiver places descrambled and aligned 5B codes onto the RXER,
RXD3, RXD2, RXD1 and RXD0 pins. CRS can be asserted when a valid frame is received.
Bypass Scrambler/Descrambler
The stream cipher function can be disabled by writing a 1 to bit 9 of MII register 10h. The stream cipher function is re-enabled
by writing a 0 to this bit.
Table 17: 100BASE-X Auxiliary Control Register (Address 16d, 10h)
Bit
Name
R/W
Description
Default
15:14
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
Write as 0, Ignore when read
0
13
Transmit Disable
R/W
1 = Transmitter disabled in PHY
0 = Normal operation
0
12
Reserveda
R/W
Write as 0, Ignore when read
0
11
Reserveda
Write as 0, Ignore when read
0
10
Reserveda
R/W
Write as 0, ignore when read
0
9
Bypass Scrambler/
Descrambler
R/W
1 = Scrambler and descrambler disabled
0 = Scrambler and descrambler enabled
0
8
Bypass NRZI Encoder/
Decoder
R/W
1 = NRZI encoder and decoder is disabled
0 = NRZI encoder and decoder is enabled
0
7
Bypass Receive Symbol
Alignment
R/W
1 = 5B receive symbols not aligned
0 = Receive symbols aligned to 5B boundaries
0
6
Baseline Wander Correction
Disable
R/W
1 = Baseline wander correction disabled
0 = Baseline wander correction enabled
0
5
FEF Enable
R/W
1 = Far end fault enabled
0 = Far end fault disabled
0
4:3
Reserveda
R/W
Write as 0, Ignore when read
0
2
Extended FIFO Enable
R/W
1 = Extended FIFO mode, 0 = Normal FIFO mode
0
1
Reserveda
R/W
Write as 0, ignore when read
0
0
Reserveda
R/W
Write as 0, Ignore when read
0
Notes: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com