Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 56 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 56 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 52Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 53Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 54Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 55Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 56Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 57Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 58Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 59Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 60Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 44
Auxiliary Control/Status Register
Document
5220-DS04-405-R
over longer cable lengths. Decreasing the squelch levels can be useful in situations where there is a high level of noise
present on the cables. Reading these 2 bits returns the value of the squelch levels.
Edge Rate
Control bits used to program the transmit DAC output edge rate in 100BASE-TX mode. A larger value on these bits produces
slower transitions on the transmit waveform.
Auto-Negotiation Indication
This read-only bit indicates whether auto-negotiation has been enabled or disabled on the BCM5220. A combination of a 1
in bit 12 of the Control register and a logic 1 on the ANEN input pin is required to enable auto-negotiation. When auto-
negotiation is disabled, bit 3 of the Auxiliary Control register (18h) returns a 0. At all other times, it returns a 1.
Force100/10 Indication
This read-only bit returns a value of 0 when one of following cases is true:
•
The ANEN pin is low AND the F100 pin is low.
•
The ANEN pin is high AND bit 12 of the Control register has been written 0 and bit 13 of the Control register has been
written 0.
When bit 2 of the Auxiliary Control register (18h) is 0, the speed of the chip is 10BASE-T. In all other cases, either the speed
is not forced (auto-negotiation is enabled), or the speed is forced to 100BASE-X.
Speed Indication
This read-only bit shows the true current operation speed of the BCM5220. A 1 indicates 100BASE-X operation, and a 0
indicates 10BASE-T. While the auto-negotiation exchange is performed, the BCM5201 is always operating at 10BASE-T
speed.
Full-Duplex Indication
This read-only bit returns a 1 when the BCM5220 is in full-duplex mode. In all other modes, it returns a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com