Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5220-DS03-R Datasheet(PDF) 41 Page - Broadcom Corporation.

Part # 5220-DS03-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS03-R Datasheet(HTML) 41 Page - Broadcom Corporation.

Back Button 5220-DS03-R Datasheet HTML 37Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 38Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 39Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 40Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 41Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 42Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 43Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 44Page - Broadcom Corporation. 5220-DS03-R Datasheet HTML 45Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
MII Status Register
Page 29
AUTO-NEGOTIATION ADVERTISEMENT REGISTER
Next Page
The BCM5220 supports the next page function.
Reserved Bits
Ignore output when read.
Remote Fault
Writing a 1 to bit 13 of the Advertisement register causes a remote fault indicator to be sent to the link partner during auto-
negotiation. Writing a 0 to this bit or resetting the chip clears the remote fault transmission bit. This bit returns the value last
written to it, or else 0 if no write has been completed since the last chip reset.
Reserved Technologies Bits
Ignore output when read.
Pause
Pause operation for full-duplex links. The use of this bit is independent of the negotiated data rate, medium, or link
technology. The setting of this bit indicates the availability of additional DTE capability when full-duplex operation is in use.
This bit is used by one MAC to communicate pause capability to its link partner and has no effect on PHY operation.
Table 12: Auto-Negotiation Advertisement Register (Address 04d, 04h)
Bit
Name
R/W
Description
Default
15
Next Page
R/W
1 = Next page ability is enabled
0 = Next page ability is disabled
0
14
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
RO
Ignore when read
13
Remote Fault
R/W
1 = Transmit remote fault
0
12:11
Reserved Technologies
RO
Ignore when read
00
10
Pause
R/W
1 = Pause operation for full-duplex
0
9
Advertise 100BASE-T4
R/W
1 = Advertise T4 capability
0 = Do not advertise T4 capability
0
8
Advertise 100BASE-X FDX
R/W
1 = Advertise 100BASE-X full-duplex
0 = Do not advertise 100BASE-X full-duplex
1
7
Advertise 100BASE-X
R/W
1 = Advertise 100BASE-X
1
6
Advertise 10BASE-T FDX
R/W
1 = Advertise 10BASE-T full-duplex
0 = Do not advertise 10BASE-T full-duplex
1
5
Advertise 10BASE-T
R/W
1 = Advertise 10BASE-T
1
4:0
Advertise Selector Field
R/W
Indicates 802.3
00001
Notes: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com