Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 25Page - Cypress Semiconductor S29AS016J Datasheet HTML 26Page - Cypress Semiconductor S29AS016J Datasheet HTML 27Page - Cypress Semiconductor S29AS016J Datasheet HTML 28Page - Cypress Semiconductor S29AS016J Datasheet HTML 29Page - Cypress Semiconductor S29AS016J Datasheet HTML 30Page - Cypress Semiconductor S29AS016J Datasheet HTML 31Page - Cypress Semiconductor S29AS016J Datasheet HTML 32Page - Cypress Semiconductor S29AS016J Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 29 of 59
S29AS016J
Figure 10.1 Program Operation
Note
See Table on page 32 for program command sequence.
10.7
Chip Erase Command Sequence
Chip erase is a six bus cycle operation. The chip erase command sequence is initiated by writing two unlock cycles, followed by a
set-up command. Two additional unlock write cycles are then followed by the chip erase command, which in turn invokes the
Embedded Erase algorithm. The device does not require the system to preprogram prior to erase. The Embedded Erase algorithm
automatically preprograms and verifies the entire memory for an all zero data pattern prior to electrical erase. The system is not
required to provide any controls or timings during these operations. Table on page 32 shows the address and data requirements for
the chip erase command sequence.
Any commands written to the chip during the Embedded Erase algorithm are ignored. Note that a hardware reset during the chip
erase operation immediately terminates the operation. The Chip Erase command sequence should be reinitiated once the device
has returned to reading array data, to ensure data integrity.
The system can determine the status of the erase operation by using DQ7, DQ6, DQ2, or RY/BY#. See Write Operation Status
on page 36 for information on these status bits. When the Embedded Erase algorithm is complete, the device returns to reading
array data and addresses are no longer latched.
Figure 10.2 on page 31 illustrates the algorithm for the erase operation. See Erase/Program Operations on page 47 for parameters,
and Figure 18.6 on page 48 for timing diagrams.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com