Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 54 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 54 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 50Page - Cypress Semiconductor S29AS016J Datasheet HTML 51Page - Cypress Semiconductor S29AS016J Datasheet HTML 52Page - Cypress Semiconductor S29AS016J Datasheet HTML 53Page - Cypress Semiconductor S29AS016J Datasheet HTML 54Page - Cypress Semiconductor S29AS016J Datasheet HTML 55Page - Cypress Semiconductor S29AS016J Datasheet HTML 56Page - Cypress Semiconductor S29AS016J Datasheet HTML 57Page - Cypress Semiconductor S29AS016J Datasheet HTML 58Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 54 of 59
S29AS016J
21. Physical Dimensions
21.1
TS 048 - 48-Pin Standard TSOP
Note
For reference only. BSC is an ANSI standard for Basic Space Centering.
6
2
3
4
5
7
8
9
MO-142 (D) DD
48
MIN
0.05
0.95
0.17
0.17
0.10
0.10
18.30
19.80
0.50
0˚
0.08
11.90
0.50 BASIC
MAX
0.15
1.20
0.27
0.16
0.21
8˚
0.20
18.50
12.10
0.70
20.20
0.23
1.05
0.20
1.00
0.22
18.40
20.00
0.60
12.00
NOM
Symbol
Jedec
b1
A2
A1
A
D
L
e
E
D1
b
c1
c
0
R
N
1
NOTES:
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (mm).
(DIMENSIONING AND TOLERANCING CONFORMS TO ANSI Y14.5M-1982)
PIN 1 IDENTIFIER FOR REVERSE PIN OUT (DIE UP).
PIN 1 IDENTIFIER FOR REVERSE PIN OUT (DIE DOWN), INK OR LASER MARK.
TO BE DETERMINED AT THE SEATING PLANE -C- . THE SEATING PLANE IS DEFINED AS THE PLANE OF
CONTACT THAT IS MADE WHEN THE PACKAGE LEADS ARE ALLOWED TO REST FREELY ON A FLAT
HORIZONTAL SURFACE.
DIMENSIONS D1 AND E DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE MOLD PROTUSION IS
0.15mm (.0059") PER SIDE.
DIMENSION b DOES NOT INCLUDE DAMBAR PROTUSION. ALLOWABLE DAMBAR PROTUSION SHALL BE
0.08 (0.0031") TOTAL IN EXCESS OF b DIMENSION AT MAX. MATERIAL CONDITION. MINIMUM SPACE
BETWEEN PROTRUSION AND AN ADJACENT LEAD TO BE 0.07 (0.0028").
THESE DIMENSIONS APPLY TO THE FLAT SECTION OF THE LEAD BETWEEN 0.10MM (.0039") AND
0.25MM (0.0098") FROM THE LEAD TIP.
LEAD COPLANARITY SHALL BE WITHIN 0.10mm (0.004") AS MEASURED FROM THE SEATING PLANE.
DIMENSION "e" IS MEASURED AT THE CENTERLINE OF THE LEADS.
N
+1
2
N
1
2
N
3
REVERSE PIN OUT (TOP VIEW)
C
e
A1
A2
2X (N/2 TIPS)
0.10
9
SEATING
PLANE
A
SEE DETAIL A
B
B
AB
E
D1
D
2X
2X (N/2 TIPS)
0.25
2X
0.10
0.10
N
5
+1
N
2
4
5
1
N
2
2
STANDARD PIN OUT (TOP VIEW)
SEE DETAIL B
DETAIL A
(c)
θ°
L
0.25MM (0.0098") BSC
C
R
GAUGE PLANE
PARALLEL TO
SEATING PLANE
b
b1
(c)
7
6
c1
WITH PLATING
BASE METAL
7
0.08MM
(0.0031")
M
C A - B S
SECTION B-B
DETAIL B
X
e/2
X = A OR B
3355 \ 16-038.10c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com