Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 9Page - Cypress Semiconductor S29AS016J Datasheet HTML 10Page - Cypress Semiconductor S29AS016J Datasheet HTML 11Page - Cypress Semiconductor S29AS016J Datasheet HTML 12Page - Cypress Semiconductor S29AS016J Datasheet HTML 13Page - Cypress Semiconductor S29AS016J Datasheet HTML 14Page - Cypress Semiconductor S29AS016J Datasheet HTML 15Page - Cypress Semiconductor S29AS016J Datasheet HTML 16Page - Cypress Semiconductor S29AS016J Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 13 of 59
S29AS016J
Legend
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care
Note
The autoselect codes may also be accessed in-system via command sequences. See Table on page 32.
7.10
Sector Address Tables
S29AS016J Autoselect Codes (High Voltage Method)
Description
CE# OE# WE#
A19
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1
A0
DQ8 to DQ15
DQ7 to
DQ0
BYTE
= VIH
BYTE
= VIL
Manufacturer ID:
Cypress
LL
H
X
X
VID
XLXL
L
L
00h
X
01h
Device
ID
Cycle 1
L
L
H
X
X
VID
XLXL
L
H
22h
X
7Eh
Cycle 2
L
L
H
X
X
VID
XLX
H
H
L
22h
X
03h
Cycle 3
L
L
H
X
X
VID
XLX
H
H
H
22h
X
04h (Top Boot),
03h (Bottom Boot)
Sector Group
Protection
Verification
LL
H
SA
X
VID
XLXL
H
L
X
X
01h (protected),
00h (unprotected)
Secured Silicon
Sector Indicator Bit
(DQ7), WP#
protects highest
address sector
LL
H
X
X
VID
XLXL
H
H
X
X
89h (factory locked),
09h (not factory locked)
Secured Silicon
Sector Indicator Bit
(DQ7), WP#
protects lowest
address sector
LL
H
X
X
VID
XLXL
H
H
X
X
91h (factory locked),
11h (not factory locked)
Sector Address Tables (Top Boot Device)
Sector
A19
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
Byte Mode (x8)
Word Mode (x16)
SA0
00000
X
X
X
64/32
000000–00FFFF
00000–07FFF
SA1
00001
X
X
X
64/32
010000–01FFFF
08000–0FFFF
SA2
00010
X
X
X
64/32
020000–02FFFF
10000–17FFF
SA3
00011
X
X
X
64/32
030000–03FFFF
18000–1FFFF
SA4
00100
X
X
X
64/32
040000–04FFFF
20000–27FFF
SA5
00101
X
X
X
64/32
050000–05FFFF
28000–2FFFF
SA6
00110
X
X
X
64/32
060000–06FFFF
30000–37FFF
SA7
00111
X
X
X
64/32
070000–07FFFF
38000–3FFFF
SA8
01000
X
X
X
64/32
080000–08FFFF
40000–47FFF
SA9
01001
X
X
X
64/32
090000–09FFFF
48000–4FFFF
SA10
01010
X
X
X
64/32
0A0000–0AFFFF
50000–57FFF
SA11
01011
X
X
X
64/32
0B0000–0BFFFF
58000–5FFFF
SA12
01100
X
X
X
64/32
0C0000–0CFFFF
60000–67FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com