Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 3 Page - Cypress Semiconductor

  S29AS016J Datasheet HTML 1Page - Cypress Semiconductor S29AS016J Datasheet HTML 2Page - Cypress Semiconductor S29AS016J Datasheet HTML 3Page - Cypress Semiconductor S29AS016J Datasheet HTML 4Page - Cypress Semiconductor S29AS016J Datasheet HTML 5Page - Cypress Semiconductor S29AS016J Datasheet HTML 6Page - Cypress Semiconductor S29AS016J Datasheet HTML 7Page - Cypress Semiconductor S29AS016J Datasheet HTML 8Page - Cypress Semiconductor S29AS016J Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 3 of 59
S29AS016J
Contents
1.
Product Selector Guide ............................................... 4
2.
Block Diagram.............................................................. 4
3.
Connection Diagrams.................................................. 5
3.1
Standard TSOP.............................................................. 5
3.2
FBGA Connection Diagram, 8.15 mm x 6.15 mm (VBK048)
6
3.3
FBGA Connection Diagram, 6.0 mm x 4.0 mm (VDF048)
7
3.4
Special Handling Instructions......................................... 7
4.
Pin Configuration......................................................... 8
5.
Logic Symbol ............................................................... 8
6.
Ordering Information ................................................... 9
6.1
S29AS016J Standard Products ..................................... 9
7.
Device Bus Operations.............................................. 10
7.1
Word/Byte Configuration.............................................. 11
7.2
Requirements for Reading Array Data......................... 11
7.3
Writing Commands/Command Sequences.................. 11
7.4
Program and Erase Operation Status.......................... 11
7.5
Standby Mode.............................................................. 11
7.6
Automatic Sleep Mode................................................. 12
7.7
RESET#: Hardware Reset Pin..................................... 12
7.8
Output Disable Mode ................................................... 12
7.9
Autoselect Mode .......................................................... 12
7.10 Sector Address Tables................................................. 13
7.11 Sector Group Protection/Unprotection ......................... 16
7.12 Temporary Sector Group Unprotect............................. 19
7.13 Write Protect (WP#) ..................................................... 19
7.14 Hardware Data Protection............................................ 20
8.
Secured Silicon Sector Flash Memory Region ....... 21
8.1
Factory Locked: Secured Silicon Sector Programmed
and Protected at the Factory........................................ 21
8.2
Customer Lockable: Secured Silicon Sector NOT Pro-
grammed
or Protected at the Factory .......................................... 21
9.
Common Flash Memory Interface (CFI) ................... 23
10.
Command Definitions................................................ 27
10.1 Reading Array Data ..................................................... 27
10.2 Reset Command .......................................................... 27
10.3 Autoselect Command Sequence ................................. 27
10.4 Enter Secured Silicon Sector/Exit Secured Silicon
Sector Command Sequence........................................ 28
10.5 Word/Byte Program Command Sequence................... 28
10.6 Unlock Bypass Command Sequence .......................... 28
10.7 Chip Erase Command Sequence ................................ 29
10.8 Sector Erase Command Sequence ............................. 30
10.9 Erase Suspend/Erase Resume Commands ................ 30
11.
Command Definitions................................................ 32
12.
Write Operation Status .............................................. 36
12.1 DQ7: Data# Polling ...................................................... 36
12.2 RY/BY#: Ready/Busy#................................................. 37
12.3 DQ6: Toggle Bit I .......................................................... 37
12.4 DQ2: Toggle Bit II ......................................................... 38
12.5 Reading Toggle Bits DQ6/DQ2..................................... 38
12.6 DQ5: Exceeded Timing Limits ...................................... 39
12.7 DQ3: Sector Erase Timer.............................................. 39
13.
Absolute Maximum Ratings....................................... 41
14.
Operating Ranges ....................................................... 41
15.
DC Characteristics...................................................... 42
15.1 CMOS Compatible ........................................................ 42
16.
Test Conditions ........................................................... 43
17.
Key to Switching Waveforms..................................... 43
18.
AC Characteristics...................................................... 44
18.1 Read Operations........................................................... 44
18.2 Hardware Reset (RESET#)........................................... 45
18.3 Word/Byte Configuration (BYTE#) ................................ 46
18.4 Erase/Program Operations ........................................... 47
18.5 Temporary Sector Group Unprotect.............................. 50
18.6 Alternate CE# Controlled Erase/Program Operations .. 51
19.
Erase and Programming Performance ..................... 53
20.
Package Pin Capacitance........................................... 53
21.
Physical Dimensions .................................................. 54
21.1 TS 048 - 48-Pin Standard TSOP .................................. 54
21.2 VBK048—48-Ball Fine-Pitch Ball Grid Array
(FBGA) 8.15 mm x 6.15 mm ......................................... 55
21.3 VDF048—48-Ball Fine-Pitch Ball Grid Array
(FBGA) 6.00 mm x 4.00 mm ......................................... 56
22.
Document History ....................................................... 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com