Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 38Page - Cypress Semiconductor S29AS016J Datasheet HTML 39Page - Cypress Semiconductor S29AS016J Datasheet HTML 40Page - Cypress Semiconductor S29AS016J Datasheet HTML 41Page - Cypress Semiconductor S29AS016J Datasheet HTML 42Page - Cypress Semiconductor S29AS016J Datasheet HTML 43Page - Cypress Semiconductor S29AS016J Datasheet HTML 44Page - Cypress Semiconductor S29AS016J Datasheet HTML 45Page - Cypress Semiconductor S29AS016J Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 42 of 59
S29AS016J
15. DC Characteristics
15.1
CMOS Compatible
Notes
1. The ICC current listed is typically less than 1 mA/MHz, with OE# at VIH.
2. ICC active while Embedded Erase or Embedded Program is in progress.
3. Not 100% tested.
4. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns. Typical sleep mode current is 15 µA.
Paramete
r
Description
Test Conditions
Min
Typ
Max
(Industria
l Devices)
Max
(Automoti
ve In-
Cabin
Devices)
Unit
ILI
Input Load Current
VIN = VSS to VCC,
VCC = VCC max
1.0
µA
ILI
WP# Input Load Current
VCC = VCC max; WP# =
VSS±0.2 V
–15
A9, RESET Input Load Current
VCC = VCC max; A9, RESET
=11V
35
ILO
Output Leakage Current
VOUT = VSS to VCC,
VCC = VCC max
1.0
ICC1
VCC Active Read Current
(Note 1)
CE# = VIL, OE# = VIH,
Byte Mode
5
MHz
812
mA
1
MHz
24
CE# = VIL, OE# = VIH,
Word Mode
5
MHz
812
1
MHz
24
ICC2
VCC Active Write Current
(Notes 2, 3)
CE# = VIL, OE# = VIH
20
30
mA
ICC3
VCC Standby Current
CE#, RESET# = VCC0.2 V
8
30
50
µA
ICC4
VCC Standby Current During
Reset
RESET# = VSS 0.2 V
8
30
50
µA
ICC5
Automatic Sleep Mode
(Note 4)
VIH = VCC  0.2 V;
VIL = VSS 0.2 V
15
70
100
µA
VIL
Input Low Voltage
–0.5
0.3 x VCC
V
VIH
Input High Voltage
0.7 x VCC
VCC + 0.3
VID
Voltage for Autoselect and
Temporary Sector Group
Unprotect
VCC = 1.65 to 1.95 V
9.0
11.0
VOL
Output Low Voltage
IOL = 2.0 mA, VCC = VCC min
0.25
VOH1
Output High Voltage
IOH = –2.0 mA, VCC = VCC min
0.85 x
VCC
VOH2
IOH = –100 µA, VCC = VCC min
VCC–0.1
VLKO
Low VCC Lock-Out Voltage
(Note 3)
1.2
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com