Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 43Page - Cypress Semiconductor S29AS016J Datasheet HTML 44Page - Cypress Semiconductor S29AS016J Datasheet HTML 45Page - Cypress Semiconductor S29AS016J Datasheet HTML 46Page - Cypress Semiconductor S29AS016J Datasheet HTML 47Page - Cypress Semiconductor S29AS016J Datasheet HTML 48Page - Cypress Semiconductor S29AS016J Datasheet HTML 49Page - Cypress Semiconductor S29AS016J Datasheet HTML 50Page - Cypress Semiconductor S29AS016J Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 47 of 59
S29AS016J
18.4
Erase/Program Operations
Notes
1. Not 100% tested.
2. See Erase and Programming Performance on page 53 for more information.
Parameter
Speed Options
JEDEC
Std
Description
70
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
ns
tAVWL
tAS
Address Setup Time
0
tWLAX
tAH
Address Hold Time
45
tDVWH
tDS
Data Setup Time
35
tWHDX
tDH
Data Hold Time
0
tOES
Output Enable Setup Time
0
tGHWL
tGHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
0
tELWL
tCS
CE# Setup Time
0
tWHEH
tCH
CE# Hold Time
0
tWLWH
tWP
Write Pulse Width
35
tWHWL
tWPH
Write Pulse Width High
20
tSR/W
Latency Between Read and Write Operations
Min
20
ns
tWHWH1
tWHWH1
Programming Operation (Note 2)
Byte
Typ
6
µs
Word
6
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
0.5
sec
tVCS
VCC Setup Time (Note 1)
Min
50
µs
tRB
Recovery Time from RY/BY#
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Max
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com