Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 1 Page - Cypress Semiconductor

  S29AS016J Datasheet HTML 1Page - Cypress Semiconductor S29AS016J Datasheet HTML 2Page - Cypress Semiconductor S29AS016J Datasheet HTML 3Page - Cypress Semiconductor S29AS016J Datasheet HTML 4Page - Cypress Semiconductor S29AS016J Datasheet HTML 5Page - Cypress Semiconductor S29AS016J Datasheet HTML 6Page - Cypress Semiconductor S29AS016J Datasheet HTML 7Page - Cypress Semiconductor S29AS016J Datasheet HTML 8Page - Cypress Semiconductor S29AS016J Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-01122 Rev.*L
Revised May 31, 2017
S29AS016J
16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V
Boot Sector Flash
Distinctive Characteristics
Architectural Advantages
 Single Power Supply Operation
– Full voltage range: 1.65 to 1.95 volt read and write
operations for battery-powered applications
 Manufactured on 110 nm Process Technology
– Backward compatible with 0.32 µm Am29SL160C device
 Secured Silicon Sector region
– 128-word/256-byte sector for permanent, secure
identification through an 8-word/16-byte random Electronic
Serial Number, accessible through a command sequence
– May be programmed and locked at the factory or by the
customer
 Flexible Sector Architecture
– Eight 8 Kbyte and thirty-one 64 Kbyte sectors (byte mode)
– Eight 4 Kword, and thirty-one 32 Kword sectors (word
mode)
 Sector Group Protection Features
– A hardware method of locking a sector to prevent any
program or erase operations within that sector
– Sectors can be locked in-system or via programming
equipment
– Temporary Sector Group Unprotect feature allows code
changes in previously locked sectors
 Unlock Bypass Program Command
– Reduces overall programming time when issuing multiple
program command sequences
 Top or Bottom Boot Block Configurations Available
 Compatibility with JEDEC standards
– Pinout and software compatible with single-power supply
Flash
– Superior inadvertent write protection
Performance Characteristics
 High Performance
– Access times as fast as 70 ns
– Industrial temperature range (-40°C to +85°C)
– Automotive In-Cabin temperature range (-40°C to +105°C)
– Word programming time as fast as 6 µs (typical)
 Ultra Low Power Consumption (typical values at 5 MHz)
– 15 µA Automatic Sleep mode current
– 8 µA standby mode current
– 8 mA read current
– 20 mA program/erase current
 Cycling Endurance: 1,000,000 cycles per sector typical
 Data Retention: 20 years typical
Package Options
 48-ball Fine-Pitch BGA, 8.15 mm x 6.15 mm
 48-ball Fine-Pitch BGA, 6.0 mm x 4.0 mm
 48-pin TSOP
Software Features
 CFI (Common Flash Interface) Compliant
– Provides device-specific information to the system,
allowing host software to easily reconfigure for different
Flash devices
 Erase Suspend/Erase Resume
– Suspends an erase operation to read data from, or
program data to, a sector that is not being erased, then
resumes the erase operation
 Data# Polling and Toggle Bits
– Provides a software method of detecting program or erase
operation completion
Hardware Features
 Ready/Busy# Pin (RY/BY#)
– Provides a hardware method of detecting program or
erase cycle completion
 Hardware Reset Pin (RESET#)
– Hardware method to reset the device to reading array data
 WP# input pin
– Write protect (WP#) function allows protection of two
outermost boot sectors (boot sector models only),
regardless of sector group protect status


Similar Part No. - S29AS016J

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AS016J SPANSION-S29AS016J Datasheet
1Mb / 60P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
More results

Similar Description - S29AS016J

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F160D SPANSION-AM29F160D_10 Datasheet
1Mb / 47P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
S29AS016J SPANSION-S29AS016J Datasheet
1Mb / 60P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Cypress Semiconductor
S29AL016J CYPRESS-S29AL016J Datasheet
701Kb / 58P
16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 3 VBoot Sector Flash
S29AS008J CYPRESS-S29AS008J Datasheet
590Kb / 56P
8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com