Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 10Page - Cypress Semiconductor S29AS016J Datasheet HTML 11Page - Cypress Semiconductor S29AS016J Datasheet HTML 12Page - Cypress Semiconductor S29AS016J Datasheet HTML 13Page - Cypress Semiconductor S29AS016J Datasheet HTML 14Page - Cypress Semiconductor S29AS016J Datasheet HTML 15Page - Cypress Semiconductor S29AS016J Datasheet HTML 16Page - Cypress Semiconductor S29AS016J Datasheet HTML 17Page - Cypress Semiconductor S29AS016J Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 14 of 59
S29AS016J
Note
Address range is A19:A-1 in byte mode and A19:A0 in word mode. See Word/Byte Configuration on page 11.
SA13
01101
X
X
X
64/32
0D0000–0DFFFF
68000–6FFFF
SA14
01110
X
X
X
64/32
0E0000–0EFFFF
70000–77FFF
SA15
01111
X
X
X
64/32
0F0000–0FFFFF
78000–7FFFF
SA16
10000
X
X
X
64/32
100000–10FFFF
80000–87FFF
SA17
10001
X
X
X
64/32
110000–11FFFF
88000–8FFFF
SA18
10010
X
X
X
64/32
120000–12FFFF
90000–97FFF
SA19
10011
X
X
X
64/32
130000–13FFFF
98000–9FFFF
SA20
10100
X
X
X
64/32
140000–14FFFF
A0000–A7FFF
SA21
10101
X
X
X
64/32
150000–15FFFF
A8000–AFFFF
SA22
10110
X
X
X
64/32
160000–16FFFF
B0000–B7FFF
SA23
10111
X
X
X
64/32
170000–17FFFF
B8000–BFFFF
SA24
11000
X
X
X
64/32
180000–18FFFF
C0000–C7FFF
SA25
11001
X
X
X
64/32
190000–19FFFF
C8000–CFFFF
SA26
11010
X
X
X
64/32
1A0000–1AFFFF
D0000–D7FFF
SA27
11011
X
X
X
64/32
1B0000–1BFFFF
D8000–DFFFF
SA28
11100
X
X
X
64/32
1C0000–1CFFFF
E0000–E7FFF
SA29
11101
X
X
X
64/32
1D0000–1DFFFF
E8000–EFFFF
SA30
11110
X
X
X
64/32
1E0000–1EFFFF
F0000–F7FFF
SA31
1111100
0
8/4
1F0000–1F1FFF
F8000–F8FFF
SA32
1111100
1
8/4
1F2000–1F3FFF
F9000–F9FFF
SA33
1111101
0
8/4
1F4000–1F5FFF
FA000–FAFFF
SA34
1111101
1
8/4
1F6000–1F7FFF
FB000–FBFFF
SA35
1111110
0
8/4
1F8000–1F9FFF
FC000–FCFFF
SA36
1111110
1
8/4
1FA000–1FBFFF
FD000–FDFFF
SA37
1111111
0
8/4
1FC000–1FDFFF
FE000–FEFFF
SA38
1111111
1
8/4
1FE000–1FFFFF
FF000–FFFFF
Sector Address Tables (Top Boot Device)
Sector
A19
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
Byte Mode (x8)
Word Mode (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com