Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 19Page - Cypress Semiconductor S29AS016J Datasheet HTML 20Page - Cypress Semiconductor S29AS016J Datasheet HTML 21Page - Cypress Semiconductor S29AS016J Datasheet HTML 22Page - Cypress Semiconductor S29AS016J Datasheet HTML 23Page - Cypress Semiconductor S29AS016J Datasheet HTML 24Page - Cypress Semiconductor S29AS016J Datasheet HTML 25Page - Cypress Semiconductor S29AS016J Datasheet HTML 26Page - Cypress Semiconductor S29AS016J Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 23 of 59
S29AS016J
9.
Common Flash Memory Interface (CFI)
The Common Flash Interface (CFI) specification outlines device and host system software interrogation handshake, which allows
specific vendor-specified software algorithms to be used for entire families of devices. Software support can then be device-
independent, JEDEC ID-independent, and forward- and backward-compatible for the specified flash device families. Flash vendors
can standardize their existing interfaces for long-term compatibility.
This device enters the CFI Query mode when the system writes the CFI Query command, 98h, to address 55h in word mode (or
address AAh in byte mode), any time the device is ready to read array data. The system can read CFI information at the addresses
given in Table to Table on page 25. In word mode, the upper address bits (A7–MSB) must be all zeros. To terminate reading CFI
data, the system must write the reset command.
The system can also write the CFI query command when the device is in the autoselect mode. The device enters the CFI query
mode, and the system can read CFI data at the addresses given in Table to Table on page 25. The system must write the reset
command to return the device to the autoselect mode.
For further information, please refer to the CFI Specification and CFI Publication 100, available via the World Wide Web at http://
www.amd.com/products/nvd/overview/cfi.html. Alternatively, contact a Cypress representative for copies of these documents.
CFI Query Identification String
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
10h
11h
12h
20h
22h
24h
0051h
0052h
0059h
Query Unique ASCII string “QRY”
13h
14h
26h
28h
0002h
0000h
Primary OEM Command Set
15h
16h
2Ah
2Ch
0040h
0000h
Address for Primary Extended Table
17h
18h
2Eh
30h
0000h
0000h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
32h
34h
0000h
0000h
Address for Alternate OEM Extended Table (00h = none exists)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com