Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 26Page - Cypress Semiconductor S29AS016J Datasheet HTML 27Page - Cypress Semiconductor S29AS016J Datasheet HTML 28Page - Cypress Semiconductor S29AS016J Datasheet HTML 29Page - Cypress Semiconductor S29AS016J Datasheet HTML 30Page - Cypress Semiconductor S29AS016J Datasheet HTML 31Page - Cypress Semiconductor S29AS016J Datasheet HTML 32Page - Cypress Semiconductor S29AS016J Datasheet HTML 33Page - Cypress Semiconductor S29AS016J Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 30 of 59
S29AS016J
10.8
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector erase command sequence is initiated by writing two unlock cycles, followed by
a set-up command. Two additional unlock write cycles are then followed by the address of the sector to be erased, and the sector
erase command. Table on page 32 shows the address and data requirements for the sector erase command sequence.
The device does not require the system to preprogram the memory prior to erase. The Embedded Erase algorithm automatically
programs and verifies the sector for an all zero data pattern prior to electrical erase. The system is not required to provide any
controls or timings during these operations.
After the command sequence is written, a sector erase time-out of 50 µs begins. During the time-out period, additional sector
addresses and sector erase commands may be written. Loading the sector erase buffer may be done in any sequence, and the
number of sectors may be from one sector to all sectors. The time between these additional cycles must be less than 50 µs,
otherwise the last address and command might not be accepted, and erasure may begin. It is recommended that processor
interrupts be disabled during this time to ensure all commands are accepted. The interrupts can be re-enabled after the last Sector
Erase command is written. If the time between additional sector erase commands can be assumed to be less than 50 µs, the system
need not monitor DQ3. Any command other than Sector Erase or Erase Suspend during the time-out period resets the
device to reading array data. The system must rewrite the command sequence and any additional sector addresses and
commands.
The system can monitor DQ3 to determine if the sector erase timer has timed out. (See DQ3: Sector Erase Timer on page 39.) The
time-out begins from the rising edge of the final WE# pulse in the command sequence.
Once the sector erase operation has begun, only the Erase Suspend command is valid. All other commands are ignored. Note that
a hardware reset during the sector erase operation immediately terminates the operation. The Sector Erase command sequence
should be reinitiated once the device has returned to reading array data, to ensure data integrity.
When the Embedded Erase algorithm is complete, the device returns to reading array data and addresses are no longer latched.
The system can determine the status of the erase operation by using DQ7, DQ6, DQ2, or RY/BY#. (Refer to Write Operation Status
on page 36 for information on these status bits.)
Figure 10.2 on page 31 illustrates the algorithm for the erase operation. Refer to Erase/Program Operations on page 47 for
parameters, and to Figure 18.6 on page 48 for timing diagrams.
10.9
Erase Suspend/Erase Resume Commands
The Erase Suspend command allows the system to interrupt a sector erase operation and then read data from, or program data to,
any sector not selected for erasure. This command is valid only during the sector erase operation, including the 50 µs time-out
period during the sector erase command sequence. The Erase Suspend command is ignored if written during the chip erase
operation or Embedded Program algorithm. Writing the Erase Suspend command during the Sector Erase time-out immediately
terminates the time-out period and suspends the erase operation. Addresses are don’t-cares when writing the Erase Suspend
command.
When the Erase Suspend command is written during a sector erase operation, the device requires a maximum of 35 µs to suspend
the erase operation. However, when the Erase Suspend command is written during the sector erase time-out, the device
immediately terminates the time-out period and suspends the erase operation.
After the erase operation has been suspended, the system can read array data from or program data to any sector not selected for
erasure. (The device “erase suspends” all sectors selected for erasure.) Normal read and write timings and command definitions
apply. Reading at any address within erase-suspended sectors produces status data on DQ7–DQ0. The system can use DQ7, or
DQ6 and DQ2 together, to determine if a sector is actively erasing or is erase-suspended. See Write Operation Status on page 36
for information on these status bits.
After an erase-suspended program operation is complete, the system can once again read array data within non-suspended
sectors. The system can determine the status of the program operation using the DQ7 or DQ6 status bits, just as in the standard
program operation. See Write Operation Status on page 36 for more information.
The system may also write the autoselect command sequence when the device is in the Erase Suspend mode. The device allows
reading autoselect codes even at addresses within erasing sectors, since the codes are not stored in the memory array. When the
device exits the autoselect mode, the device reverts to the Erase Suspend mode, and is ready for another valid operation. See
Autoselect Command Sequence on page 27 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com