Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 24Page - Cypress Semiconductor S29AS016J Datasheet HTML 25Page - Cypress Semiconductor S29AS016J Datasheet HTML 26Page - Cypress Semiconductor S29AS016J Datasheet HTML 27Page - Cypress Semiconductor S29AS016J Datasheet HTML 28Page - Cypress Semiconductor S29AS016J Datasheet HTML 29Page - Cypress Semiconductor S29AS016J Datasheet HTML 30Page - Cypress Semiconductor S29AS016J Datasheet HTML 31Page - Cypress Semiconductor S29AS016J Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 28 of 59
S29AS016J
10.4
Enter Secured Silicon Sector/Exit Secured Silicon Sector Command
Sequence
The Secured Silicon Sector region provides a secured data area containing a random, sixteen-byte electronic serial number (ESN).
The system can access the Secured Silicon Sector region by issuing the three-cycle Enter Secured Silicon Sector command
sequence. The device continues to access the Secured Silicon Sector region until the system issues the four-cycle Exit Secured
Silicon Sector command sequence. The Exit Secured Silicon Sector command sequence returns the device to normal operation.
Table shows the addresses and data requirements for both command sequences. Note that the unlock bypass mode is not
available when the device enters the Secured Silicon Sector. For further information, see Secured Silicon Sector Flash Memory
Region on page 21.
10.5
Word/Byte Program Command Sequence
The system may program the device by word or byte, depending on the state of the BYTE# pin. Programming is a four-bus-cycle
operation. The program command sequence is initiated by writing two unlock write cycles, followed by the program set-up
command. The program address and data are written next, which in turn initiate the Embedded Program algorithm. The system is
not required to provide further controls or timings. The device automatically generates the program pulses and verifies the
programmed cell margin. Table on page 32 shows the address and data requirements for the byte program command sequence.
When the Embedded Program algorithm is complete, the device then returns to reading array data and addresses are no longer
latched. The system can determine the status of the program operation by using DQ7, DQ6, or RY/BY#. See Write Operation Status
on page 36 for information on these status bits.
Any commands written to the device during the Embedded Program Algorithm are ignored. Note that a hardware reset immediately
terminates the programming operation. The Byte Program command sequence should be reinitiated once the device has reset to
reading array data, to ensure data integrity.
Programming is allowed in any sequence and across sector boundaries. A bit cannot be programmed from a 0 back to a 1.
Attempting to do so may halt the operation and set DQ5 to 1, or cause the Data# Polling algorithm to indicate the operation was
successful. However, a succeeding read will show that the data is still 0. Only erase operations can convert a 0 to a 1.
10.6
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to program bytes or words to the device faster than using the standard program
command sequence. The unlock bypass command sequence is initiated by first writing two unlock cycles. This is followed by a third
write cycle containing the unlock bypass command, 20h. The device then enters the unlock bypass mode. A two-cycle unlock
bypass program command sequence is all that is required to program in this mode. The first cycle in this sequence contains the
unlock bypass program command, A0h; the second cycle contains the program address and data. Additional data is programmed in
the same manner. This mode dispenses with the initial two unlock cycles required in the standard program command sequence,
resulting in faster total programming time. Table on page 32 shows the requirements for the command sequence.
During the unlock bypass mode, only the Unlock Bypass Program and Unlock Bypass Reset commands are valid. To exit the unlock
bypass mode, the system must issue the two-cycle unlock bypass reset command sequence. The first cycle must contain the data
90h; the second cycle the data F0h. Addresses are don’t care for both cycles. The device then returns to reading array data.
Figure 10.1 on page 29 illustrates the algorithm for the program operation. See Erase/Program Operations on page 47 for
parameters, and to Figure 18.5 on page 48 for timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com