Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 18Page - Cypress Semiconductor S29AS016J Datasheet HTML 19Page - Cypress Semiconductor S29AS016J Datasheet HTML 20Page - Cypress Semiconductor S29AS016J Datasheet HTML 21Page - Cypress Semiconductor S29AS016J Datasheet HTML 22Page - Cypress Semiconductor S29AS016J Datasheet HTML 23Page - Cypress Semiconductor S29AS016J Datasheet HTML 24Page - Cypress Semiconductor S29AS016J Datasheet HTML 25Page - Cypress Semiconductor S29AS016J Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 22 of 59
S29AS016J
Figure 8.1 Secured Silicon Sector Protect Verify
Write 60h to
any address
Write 40h to
Secured Silicon
Sector address
with A0=0, A1=1,
A2=0, A3=1, A4=1,
A5=0, A6=0, A7=0
START
RESET# = VID
Wait 1 ms
Read from
Secured Silicon
Sector address
with A0=0, A1=1,
A2=0, A3=1, A4=1,
A5=0, A6=0, A7=0
If data = 00h,
Secured Silicon
Sector is
unprotected.
If data = 01h,
Secured Silicon
Sector is
protected.
Remove VID
from RESET#
Write reset
command
Secured Silicon
Sector Protect
Verify complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com