Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 30Page - Cypress Semiconductor S29AS016J Datasheet HTML 31Page - Cypress Semiconductor S29AS016J Datasheet HTML 32Page - Cypress Semiconductor S29AS016J Datasheet HTML 33Page - Cypress Semiconductor S29AS016J Datasheet HTML 34Page - Cypress Semiconductor S29AS016J Datasheet HTML 35Page - Cypress Semiconductor S29AS016J Datasheet HTML 36Page - Cypress Semiconductor S29AS016J Datasheet HTML 37Page - Cypress Semiconductor S29AS016J Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 34 of 59
S29AS016J
S29AS016J Command Definitions (Byte Mode)
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr Data Addr Data Addr Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 6)
1RA
RD
Reset (Note 7)
1
XXX
F0
Manufacturer ID
4
AAA
AA
555
55
AAA
90
X00
01
Device ID,
Top Boot Block
6
AAA
AA
555
55
AAA
90
X02
7E
X1C
03
X1E
04
Device ID,
Bottom Boot Block
6
AAA
AA
555
55
AAA
90
X02
7E
X1C
03
X1E
03
Secured Silicon Sector
Factory Protect, Top Boot
(Note 9)
4
AAA
AA
555
55
AAA
90
X06
89/09
Secured Silicon Sector
Factory Protect, Bottom
Boot (Note 9)
4
AAA
AA
555
55
AAA
90
X06
91/11
Sector Group Protect Verify
(Note 10)
4
AAA
AA
555
55
AAA
90
(SA)X0
4
00/01
Enter Secured Silicon Sector
3
AAA
AA
555
55
AAA
88
Exit Secured Silicon Sector
4
AAA
AA
555
55
AAA
90
XXX
00
CFI Query (Note 11)
1AA
98
Program
4
AAA
AA
555
55
AAA
A0
PA
PD
Unlock Bypass
3
AAA
AA
555
55
AAA
20
Unlock Bypass Program
(Note 12)
2
XXX
A0
PA
PD
Unlock Bypass Reset (Note 13)
2
XXX
90
XXX
F0
Chip Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Sector Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SA
30
Erase Suspend (Note 14)
1
XXX
B0
Erase Resume (Note 15)
1
XXX
30
Legend
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses latch on the
falling edge of the WE# or CE# pulse, whichever happens later.
PD = Data to be programmed at location PA. Data latches on the rising edge of
WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or erased. Address
bits A19–A12 uniquely select any sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com