Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 51Page - Cypress Semiconductor S29AS016J Datasheet HTML 52Page - Cypress Semiconductor S29AS016J Datasheet HTML 53Page - Cypress Semiconductor S29AS016J Datasheet HTML 54Page - Cypress Semiconductor S29AS016J Datasheet HTML 55Page - Cypress Semiconductor S29AS016J Datasheet HTML 56Page - Cypress Semiconductor S29AS016J Datasheet HTML 57Page - Cypress Semiconductor S29AS016J Datasheet HTML 58Page - Cypress Semiconductor S29AS016J Datasheet HTML 59Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 57 of 59
S29AS016J
22. Document History
Document Title:S29AS016J 16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
Document Number: 002-01122
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change
**
-
RYSU
03/02/2007
Spansion Publication Number: S29AS016J_00
Global
Initial release
*A
-
RYSU
07/13/2007
Global
Removed ACC description
Changed VID voltage range from 8.5 - 12.5 V to 9.0 - 11.0 V
Sector Protection/Unprotection
Corrected and error in the sector group table
*B
-
RYSU
10/29/2007
Ordering information Deleted all Leaded package offerings
Table S29AS016J Autoselect Codes (High Voltage Method)
Updated table
Table Primary Vendor-Specific Extended Query
Corrected the data of CFI address 44 Hex
Unlock Bypass Command Sequence Corrected the 2nd cycle data of the
Unlock Bypass Command from '00' hex to 'F0' hex
Absolute Maximum Ratings
Under Note 2: Changed the maximum DC input voltage on pin A9 from 12.5V
to 11.0V and its
overshoot from 14.0V to 12.5V
Table CMOS Compatible
Changed the parameter ILIT to ILI
*C
-
RYSU
06/04/2008
Ordering Information
Removed all 50 ns speed option and FBGA package offerings
Updated Valid Combination table
CMOS Compatible Updated Note 4
TSOP and BGA Pin Capacitance
Changed Title to Package Pin Capacitance
Added WLCSP Information
Distinctive Characteristics
Added WLCSP Package Option
Connection Diagram
Removed VBK048
Added WLCSP
Physical Dimension
Removed VBK048
Added WLCSP
Common Flash Memory Interface
Updated table Primary Vendor-Specific Extended Query



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com