Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 6Page - Cypress Semiconductor S29AS016J Datasheet HTML 7Page - Cypress Semiconductor S29AS016J Datasheet HTML 8Page - Cypress Semiconductor S29AS016J Datasheet HTML 9Page - Cypress Semiconductor S29AS016J Datasheet HTML 10Page - Cypress Semiconductor S29AS016J Datasheet HTML 11Page - Cypress Semiconductor S29AS016J Datasheet HTML 12Page - Cypress Semiconductor S29AS016J Datasheet HTML 13Page - Cypress Semiconductor S29AS016J Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 10 of 59
S29AS016J
7.
Device Bus Operations
This section describes the requirements and use of the device bus operations, which are initiated through the internal command
register. The command register itself does not occupy any addressable memory location. The register is composed of latches that
store the commands, along with the address and data information needed to execute the command. The contents of the register
serve as inputs to the internal state machine. The state machine outputs dictate the function of the device. Table lists the device bus
operations, the inputs and control levels they require, and the resulting output. The following subsections describe each of these
operations in further detail.
Legend
L = Logic Low = VIL, H = Logic High = VIH, VID = 9.0 - 11.0 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes
1. Addresses are A19:A0 in word mode (BYTE# = VIH), A19:A-1 in byte mode (BYTE# = VIL).
2. The sector group protect and sector group unprotect functions may also be implemented via programming equipment. See Sector Group Protection/Unprotection
on page 16.
3. If WP# = VIL, the two outermost boot sectors remain protected. If WP# = VIH, the two outermost boot sector group protection depends on whether they were last
protected or unprotected.
S29AS016J Device Bus Operations
Operation
CE#
OE
#
WE
#
RESET
#WP#
Addresses
(Note 1)
DQ0–
DQ7
DQ8–DQ15
BYTE
#
= VIH
BYTE#
= VIL
Read
L
L
H
H
X
AIN
DOUT DOUT
DQ8–DQ14 = High-Z, DQ15 = A-1
Write (Program/
Erase)
LH
L
H
(Note
3)
AIN
DIN
DIN
Standby
VCC
 0.2
V
XX
VCC
0.2 V
HX
High-
Z
High-
Z
High-Z
Output Disable
L
H
H
H
X
X
High-
Z
High-
Z
High-Z
Reset
X
X
X
L
X
X
High-
Z
High-
Z
High-Z
Sector Group
Protect (Note 2)
LH
L
VID
X
Sector Address,
A6 = L, A3 = A2
= L, A1 = H, A0 =
L
DIN
XX
Sector
GroupUnprotect
(Note 2)
LH
L
VID
H
Sector Address,
A6 = H, A3 = A2
= L, A1 = H, A0 =
L
DIN
XX
Temporary Sector
Group Unprotect
XX
X
VID
HAIN
DIN
DIN
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com