Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 35Page - Cypress Semiconductor S29AS016J Datasheet HTML 36Page - Cypress Semiconductor S29AS016J Datasheet HTML 37Page - Cypress Semiconductor S29AS016J Datasheet HTML 38Page - Cypress Semiconductor S29AS016J Datasheet HTML 39Page - Cypress Semiconductor S29AS016J Datasheet HTML 40Page - Cypress Semiconductor S29AS016J Datasheet HTML 41Page - Cypress Semiconductor S29AS016J Datasheet HTML 42Page - Cypress Semiconductor S29AS016J Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 39 of 59
S29AS016J
Figure 12.2 Toggle Bit Algorithm
Notes
1. Read toggle bit twice to determine whether or not it is toggling. See text.
2. Recheck toggle bit because it may stop toggling as DQ5 changes to 1. See text.
12.6
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has exceeded a specified internal pulse count limit. Under these conditions DQ5
produces a 1. This is a failure condition that indicates the program or erase cycle was not successfully completed.
The DQ5 failure condition may appear if the system tries to program a 1 to a location that is previously programmed to 0. Only an
erase operation can change a 0 back to a 1. Under this condition, the device halts the operation, and when the operation has
exceeded the timing limits, DQ5 produces a 1.
Under both these conditions, the system must issue the reset command to return the device to reading array data.
12.7
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the system may read DQ3 to determine whether or not an erase operation has
begun. (The sector erase timer does not apply to the chip erase command.) If additional sectors are selected for erasure, the entire
time-out also applies after each additional sector erase command. When the time-out is complete, DQ3 switches from 0 to 1. The
system may ignore DQ3 if the system can guarantee that the time between additional sector erase commands will always be less
than 50
s. See also Sector Erase Command Sequence on page 30.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0
(Note 1)
(Notes 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com