Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 12Page - Cypress Semiconductor S29AS016J Datasheet HTML 13Page - Cypress Semiconductor S29AS016J Datasheet HTML 14Page - Cypress Semiconductor S29AS016J Datasheet HTML 15Page - Cypress Semiconductor S29AS016J Datasheet HTML 16Page - Cypress Semiconductor S29AS016J Datasheet HTML 17Page - Cypress Semiconductor S29AS016J Datasheet HTML 18Page - Cypress Semiconductor S29AS016J Datasheet HTML 19Page - Cypress Semiconductor S29AS016J Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 16 of 59
S29AS016J
Note
Address range is A19:A-1 in byte mode and A19:A0 in word mode. See the Word/Byte Configuration on page 11.
7.11
Sector Group Protection/Unprotection
The hardware sector group protection feature disables both program and erase operations in any sector group (see Table
on page 13 to Table on page 17). The hardware sector group unprotection feature re-enables both program and erase operations in
previously protected sector groups. Sector group protection/unprotection can be implemented via two methods.
Sector group protection/unprotection requires VID on the RESET# pin only, and can be implemented either in-system or via
programming equipment. Figure 7.1 on page 18 shows the algorithms and Figure 18.1 on page 44 shows the timing diagram. This
method uses standard microprocessor bus cycle timing. For sector group unprotect, all unprotected sector groups must first be
protected prior to the first sector group unprotect write cycle.
The device is shipped with all sector groups unprotected. Cypress offers the option of programming and protecting sector groups at
its factory prior to shipping the device through Cypress Programming Service. Contact a Cypress representative for details.
It is possible to determine whether a sector group is protected or unprotected. See Autoselect Mode on page 12 for details.
SA37
1
1
1
1
0
X
X
X
64/32
1E0000–1EFFFF
F0000–F7FFF
SA38
1
1
1
1
1
X
X
X
64/32
1F0000–1FFFFF
F8000–FFFFF
AS016J Top Boot Device Sector/Sector Group Protection
Sector / Sector Block
A19
A18
A17
A16
A15
A14
A13
A12
Sector / Sector Block Size
SA0-SA3
0
0
0
XXXXX
256 (4x64) Kbytes
SA4-SA7
0
0
1
XXXXX
256 (4x64) Kbytes
SA8-SA11
0
1
0
XXXXX
256 (4x64) Kbytes
SA12-SA15
0
1
1
XXXXX
256 (4x64) Kbytes
SA16-SA19
1
0
0
XXXXX
256 (4x64) Kbytes
SA20-SA23
1
0
1
XXXXX
256 (4x64) Kbytes
SA24-SA27
1
1
0
XXXXX
256 (4x64) Kbytes
SA28-SA29
1110
XXXX
128 (2x64) Kbytes
SA30
11110
X
X
X
64 Kbytes
SA31
11111000
8 Kbytes
SA32
11111001
8 Kbytes
SA33
11111010
8 Kbytes
SA34
11111011
8 Kbytes
SA35
11111100
8 Kbytes
SA36
11111101
8 Kbytes
SA37
11111110
8 Kbytes
SA38
11111111
8 Kbytes
Sector Address Tables (Bottom Boot Device)
Sector
A19A18
A17A16
A15A14
A13A12
Sector Size
(Kbytes/Kwords)
Address Range (in hexadecimal)
Byte Mode (x8)
Word Mode (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com