Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 4 Page - ON Semiconductor

  FUSB302 Datasheet HTML 1Page - ON Semiconductor FUSB302 Datasheet HTML 2Page - ON Semiconductor FUSB302 Datasheet HTML 3Page - ON Semiconductor FUSB302 Datasheet HTML 4Page - ON Semiconductor FUSB302 Datasheet HTML 5Page - ON Semiconductor FUSB302 Datasheet HTML 6Page - ON Semiconductor FUSB302 Datasheet HTML 7Page - ON Semiconductor FUSB302 Datasheet HTML 8Page - ON Semiconductor FUSB302 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
4
www.onsemi.com
Pin Descriptions
Name
Type
Description
USB Type-C Connector Interface
CC1/CC2
I/O
Type-C connector Configuration Channel (CC) pins. Initially used to determine
when an attach has occurred and what the orientation of the insertion is.
Functionality after attach depends on mode of operation detected.
Operating as a host:
1.
Sets the allowable charging current for VBUS to be sensed by the attached
device
2.
Used to communicate with devices using USB BMC Power Delivery
3.
Used to detect when a detach has occurred
Operating as a device:
1.
Indicates what the allowable sink current is from the attached host. -Used to
communicate with devices using USB BMC Power Delivery
GND
Ground
Ground
VBUS
Input
VBUS input pin for attach and detach detection when operating as an upstream
facing port (Device). Expected to be an OVP protected input.
Power Interface
VDD
Power
Input supply voltage.
VCONN
Power Switch
Regulated input to be switched to correct CC pin as VCONN to power USB3.1 full-
featured cables and other accessories
Signal Interface
SCL
Input
I2C serial clock signal to be connected to the phone-based I2C master.
SDA
Open-Drain
I/O
I2C serial data signal to be connected to the phone-based I2C master
INT_N
Open-Drain
Output
Active LOW open drain interrupt output used to prompt the processor to read the
I2C register bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com