Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 34 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 27Page - ON Semiconductor FUSB302 Datasheet HTML 28Page - ON Semiconductor FUSB302 Datasheet HTML 29Page - ON Semiconductor FUSB302 Datasheet HTML 30Page - ON Semiconductor FUSB302 Datasheet HTML 31Page - ON Semiconductor FUSB302 Datasheet HTML 32Page - ON Semiconductor FUSB302 Datasheet HTML 33Page - ON Semiconductor FUSB302 Datasheet HTML 34Page - ON Semiconductor FUSB302 Datasheet HTML 35Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
34
www.onsemi.com
Physical Dimensions
Figure 19.
14-Lead MLP, 2.5 mm x 2.5 mm, 0.5 mm Pin Pitch
A
B
NOTES:
A. NO JEDEC REGISTRATION.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 2009.
D. LAND PATTERN RECOMMENDATION IS
EXISTING INDUSTRY LAND PATTERN.
E. DRAWING FILENAME: MKT-MLP14Drev3
BOTTOM VIEW
0.10
C A B
0.05
C
TOP VIEW
RECOMMENDED LAND PATTERN
0.08 C
SEATING
PLANE
0.10 C
0.025±0.025
1
4
7
3
8
10
11
14
0.75±0.05
PIN #1 IDENT
2.50
2.50
2.43
1.45
1.45
2.43
0.50 TYP
0.30 TYP
(0.58)
0.05 C
2X
0.05 C
2X
0.15±0.05
C
FRONT VIEW
2.50±0.05
1.45±0.05
1.45±0.05
0.50
0.50
0.24±0.06(14X)
0.30(14X)
PIN #1 IDENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com