Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 3Page - ON Semiconductor FUSB302 Datasheet HTML 4Page - ON Semiconductor FUSB302 Datasheet HTML 5Page - ON Semiconductor FUSB302 Datasheet HTML 6Page - ON Semiconductor FUSB302 Datasheet HTML 7Page - ON Semiconductor FUSB302 Datasheet HTML 8Page - ON Semiconductor FUSB302 Datasheet HTML 9Page - ON Semiconductor FUSB302 Datasheet HTML 10Page - ON Semiconductor FUSB302 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
7
www.onsemi.com
The high level software flow diagram for a Type-C
device (SNK) is shown in Figure 7.
Disabled:
FUSB302 in low power
mode looking for an attach
Unattached.SNK:
Host software enables
FUSB302 pull-downs and
measure block to detect
attach
FUSB302 I_TOGDONE
interrupt alerts host
software that something
has attached.
Attached.SNK
Host software uses FUSB302
comparators and DAC to
determine attach orientation and
port type
AudioAccessory
DebugAccessory
FUSB302 I_VBUSOK interrupt alerts
host software that an attach has
occurred
FUSB302 I_VBUSOK interrupt alerts
host software that a detach has
occurred
Host software determines that an
accessory has been attached
FUSB302 I_COMP and I_VBUSOK
interrupts alert host software that a
accessory detach has occurred
Figure 7.
SNK Software Flow
Manual Host Detection and Configuration
When the FUSB302 is configured as a Type-C host, the
software can use the status of the comparators and
DAC to determine when a Type-C device has been
attached or detached and what termination type has
been attached to each CC pin.
The FUSB302 allows the host software to change the
charging current capabilities of the port through the
HOST_CUR control bits. If the HOST_CUR bits are
changed prior to attach, the FUSB302 automatically
indicates the programmed current capability when a
device is attached. If the current capabilities are changed
after a device is attached, the FUSB302 immediately
changes the CC line to the programmed capability.
Figure 8.
HOST_CUR Changed After Attach
Figure 9.
HOST_CUR Changed Prior To Attach
The Type-C specification outlines different attach and
detach thresholds for a Type-C host that are based on
how much current is supplied to each CC pin. Based on
the programmed HOST_CUR setting, the software
adjusts the DAC comparator threshold to match the
Type-C
specification
requirements.
The
BC_LVL
comparators can also be used as part of the Ra
detection flow. This is summarized in Table 3.
Table 3.
Host Interrupt Summary
Termination
HOST_CUR[1:0]
Interrupt Status
Attach/Detach
BC_LVL[1:0]
COMP
COMP Setting
Ra
2'b01
2'b00
NA
NA
NA
2'b10
2'b01
0
6'b00_1001 (0.42 V)
2'b11
2'b10
0
6'b01_0010 (0.8 V)
Rd
2'b01, 2'b10
NA
0
6'b10_0101 (1.6 V)
Attach
NA
1
6'b10_0101 (1.6 V)
Detach
2'b11
NA
0
6'b11_1101 (2.6 V)
Attach
NA
1
6'b11_1101 (2.6 V)
Detach
CC
HOST_CUR[1:0] = DEFAULT
HIGH CURRENT SETTING
MED CURRENT SETTING
0V
ATTACH
CC
HIGH CURRENT SETTING
MED CURRENT SETTING
0V
ATTACH
DEFAULT CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com