Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 22 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 18Page - ON Semiconductor FUSB302 Datasheet HTML 19Page - ON Semiconductor FUSB302 Datasheet HTML 20Page - ON Semiconductor FUSB302 Datasheet HTML 21Page - ON Semiconductor FUSB302 Datasheet HTML 22Page - ON Semiconductor FUSB302 Datasheet HTML 23Page - ON Semiconductor FUSB302 Datasheet HTML 24Page - ON Semiconductor FUSB302 Datasheet HTML 25Page - ON Semiconductor FUSB302 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
22
www.onsemi.com
Table 10. Control0
Address: 06h
Reset Value: 0x0010_0100
Type: (see column below)
Bit #
Name
R/W/C Size (Bits)
Description
7
Reserved
N/A
1
Do Not Use
6
TX_FLUSH
W/C
1
1: Self clearing bit to flush the content of the transmit FIFO.
5
INT_MASK
R/W
1
1: Mask all interrupts.
0: Interrupts to host are enabled.
4
Reserved
N/A
1
Do Not Use
3:2
HOST_CUR[1:0]
R/W
2
1: Controls the host pull up current enabled by PU_EN[2:1]:
00: No current
01: 80 µA
– Default USB power.
10: 180 µA
– Medium Current Mode: 1.5 A
11: 330 µA
– High Current Mode: 3 A
1
AUTO_PRE
R/W
1
1: Starts the transmitter automatically when a message with a good
CRC is received. This allows the software to take as much as
300 µS to respond after the I_CRC_CHK interrupt is received.
Before starting the transmitter, an internal timer waits for
approximately 170 µS before executing the transmit start and
preamble.
0: Feature disabled.
0
TX_START
W/C
1
1: Start transmitter using the data in the transmit FIFO. Preamble is
started first. During the preamble period the transmit data can start
to be written to the transmit FIFO. Self clearing.
Table 11. Control1
Address: 07h
Reset Value: 0x0000_0000
Type: (see column below)
Bit #
Name
R/W/C Size (Bits)
Description
7
Reserved
N/A
1
Do Not Use
6
ENSOP2DB
R/W
1
1:
Enable SOP”_DEBUG (SOP double prime debug) packets
0: Ignore SOP
”_DEBUG (SOP double prime debug) packets
5
ENSOP1DB
R/W
1
1: Enable SOP‘_DEBUG (SOP prime debug) packets
0: Ignore SOP
‘_DEBUG (SOP prime debug) packets
4
BIST_MODE2
R/W
1
1: Sent BIST Mode 01s pattern for testing
3
Reserved
N/A
1
Do Not Use
2
RX_FLUSH
W/C
1
1: Self clearing bit to flush the content of the receive FIFO.
1
ENSOP2
R/W
1
1: Enable SOP”(SOP double prime) packets
0: Ignore SOP
”(SOP double prime) packets
0
ENSOP1
R/W
1
1: Enable
SOP‘(SOP prime) packets
0: Ignore SOP
‘(SOP prime) packets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com