Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 21 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 17Page - ON Semiconductor FUSB302 Datasheet HTML 18Page - ON Semiconductor FUSB302 Datasheet HTML 19Page - ON Semiconductor FUSB302 Datasheet HTML 20Page - ON Semiconductor FUSB302 Datasheet HTML 21Page - ON Semiconductor FUSB302 Datasheet HTML 22Page - ON Semiconductor FUSB302 Datasheet HTML 23Page - ON Semiconductor FUSB302 Datasheet HTML 24Page - ON Semiconductor FUSB302 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
21
www.onsemi.com
Table 8.
Measure
Address: 04h
Reset Value: 0x0011_0001
Type: Read/Write
Bit #
Name
R/W/C Size (Bits)
Description
7
Reserved
N/A
1
Do Not Use
6
MEAS_VBUS
R/W
1
0: MDAC/comparator measurement is controlled by
MEAS_CC* bits.
1: Measure VBUS with the MDAC/comparator. This requires
MEAS_CC* bits to be 0.
5:0
MDAC[5:0]
R/W
6
Measure Block DAC data input. LSB is equivalent to 42 mV of
voltage which is compared to the measured CC voltage. The
measured CC is selected by MEAS_CC2, or MEAS_CC1 bits.
MDAC[5:0]
MEAS_VBUS=0
MEAS_VBUS=1
Unit
00_0000
0.042
0.420
V
00_0001
0.084
0.840
V
11_0000
2.058
20.58
V
11_0011
2.184
21.84
V
11_1110
2.646
26.46
V
11_1111
>2.688
26.88
V
Table 9.
Slice
Address: 05h
Reset Value: 0x0110_0000
Type: Read/Write
Bit #
Name
R/W/
C
Size (Bits)
Description
7:6
SDAC_HYS[1:0]
R/W
2
Adds hysteresis where there are now two thresholds, the lower
threshold which is always the value programmed by
SDAC[5:0] and the higher threshold that is:
11: 255 mV hysteresis: higher threshold = (SDAC value + 20hex)
10 = 170 mV hysteresis: higher threshold = (SDAC value + Ahex)
01 = 85 mV hysteresis: higher threshold = (SDAC value + 5)
00 = No hysteresis: higher threshold = SDAC value
5:0
SDAC[5:0]
R/W
6
BMC Slicer DAC data input. Allows for a programmable threshold
so as to meet the BMC receive mask under all noise conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com