Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 31 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 27Page - ON Semiconductor FUSB302 Datasheet HTML 28Page - ON Semiconductor FUSB302 Datasheet HTML 29Page - ON Semiconductor FUSB302 Datasheet HTML 30Page - ON Semiconductor FUSB302 Datasheet HTML 31Page - ON Semiconductor FUSB302 Datasheet HTML 32Page - ON Semiconductor FUSB302 Datasheet HTML 33Page - ON Semiconductor FUSB302 Datasheet HTML 34Page - ON Semiconductor FUSB302 Datasheet HTML 35Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
31
www.onsemi.com
Receive Data Tokens
Receive data tokens provide in-sequence receive control and data for the receive logic. The RxFIFO can absorb as
many packets as the number of bytes in the RxFIFO (80 bytes). The tokens are defined as follows:
Table 30. Tokens Used in RxFIFO
Code
(in binary)
Name
Size (Bytes)
Description
111b_bbbb
SOP
1
First byte of a received packet to indicate that the packet is an SOP
packet (“b” is undefined and can be any bit)
110b_bbbb
SOP1
1
First byte of a received packet to indicate that the packet is an
SOP’ packet and occurs only if ENSOP1=1 (“b” is undefined and
can be any bit)
101b_bbbb
SOP2
1
First byte of a received packet to indicate that the packet is an
SOP’’ packet and occurs only if ENSOP2=1 (“b” is undefined and
can be any bit)
100b_bbbb
SOP1DB
1
First byte of a received packet to indicate that the packet is an
SOP’_DEBUG packet and occurs only if ENSOP1DB=1 (“b” is
undefined and can be any bit)
011b_bbbb
SOP2DB
1
First byte of a received packet to indicate that the packet is an
SOP’’_DEBUG packet and occurs only if ENSOP2DB=1 (“b” is
undefined and can be any bit)
010b_bbbb /
001b_bbbb /
000b_bbbb
Do Not Use
1
These can be used in future versions of this device and should not
be relied on to be any special value. (“b” is undefined and can be
any bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com