Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 9Page - ON Semiconductor FUSB302 Datasheet HTML 10Page - ON Semiconductor FUSB302 Datasheet HTML 11Page - ON Semiconductor FUSB302 Datasheet HTML 12Page - ON Semiconductor FUSB302 Datasheet HTML 13Page - ON Semiconductor FUSB302 Datasheet HTML 14Page - ON Semiconductor FUSB302 Datasheet HTML 15Page - ON Semiconductor FUSB302 Datasheet HTML 16Page - ON Semiconductor FUSB302 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
13
www.onsemi.com
DC and Transient Characteristics
All typical values are at TA=25°C unless otherwise specified.
Baseband PD
Symbol
Parameter
TA=-40 to +85°C
TJ=-40 to +125°C
Unit
Min.
Typ. Max.
UI
Unit Interval
3.03
3.70
µs
Transmitter
rOutput
TX Output Resistance
21
50
79
Ω
tEndDriveBMC
Time to Cease Driving the Line after the end of the last bit of the
Frame
23
µs
tHoldLowBMC
Time to Cease Driving the Line after the final High-to-Low
Transition
1
µs
VOH
Logic High Voltage
1.05
1.20
V
VOL
Logic Low Voltage
0
75
mV
tStartDrive
Time before the start of the first bit of the preamble when the
transmitter shall start driving the line
-1
1
µs
tRISE_TX
Rise Time
300
ns
tFALL_TX
Fall Time
300
ns
Receiver
cReceiver
Receiver Capacitance when Driver
isn’t Turned On
50
pF
zBmcRx
Receiver Input Impedance
1
M
Ω
vSDACstep
BMC Receiver SDAC step size for each code in SDAC[5:0]
register
17
mV
vSDAChys
BMC Receiver SDAC hysteresis for each code over the SDAC
range (SDAC_HYS=01)
85
mV
tRxFilter
Rx Bandwidth Limiting Filter(5)
100
ns
nTransitionCount Transitions count in time window of 12 µs Min. and 20 µs Max. (5)
3
edges
tACTIVITY
Time from the last BMC edge(4) to when ACTIVITY bit goes LOW
in the STATUS register(5)
5
9
µs
Notes:
4.
The last BMC edge includes edge when BMC bus is not driven and thus voltage is the result of pull ups/pull
downs to if/when it trips the SDAC receiver threshold to cause another BMC edge.
5.
Guaranteed by characterization. Not production tested
Figure 15.
Transmitter Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com