Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 32 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 27Page - ON Semiconductor FUSB302 Datasheet HTML 28Page - ON Semiconductor FUSB302 Datasheet HTML 29Page - ON Semiconductor FUSB302 Datasheet HTML 30Page - ON Semiconductor FUSB302 Datasheet HTML 31Page - ON Semiconductor FUSB302 Datasheet HTML 32Page - ON Semiconductor FUSB302 Datasheet HTML 33Page - ON Semiconductor FUSB302 Datasheet HTML 34Page - ON Semiconductor FUSB302 Datasheet HTML 35Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
32
www.onsemi.com
Reference Schematic
Figure 17.
FUSB300/302 Reference Schematic Diagram
Table 31. Recommended Component Values for Reference Schematic
Symbol
Parameter
Recommended Value
Unit
Min.
Typ.
Max.
CRECV
CCX Receiver Capacitance
200
600
pF
CBULK
VCONN Source Bulk Capacitance
10
220
µF
CVCONN
VCONN Decoupling Capacitance
0.1
µF
CVDD1
VDD Decoupling Capacitance
0.1
µF
CVDD2
VDD Decoupling Capacitance
1.0
µF
RPU
I2C Pull-up Resistors
4.7
kΩ
RPU_INT
INT_N Pull-up Resistor
1.0
4.7
kΩ
VPU
I2C Pull-up Voltage
1.71
VDD
V
The table below is in reference to the WLCSP dimensions on the following page.
Product-Specific Dimensions
Product
D
E
X
Y
FUSB302UCX
1.215 mm
1.260 mm
0.230 mm
0.2075 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com