Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 24 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 20Page - ON Semiconductor FUSB302 Datasheet HTML 21Page - ON Semiconductor FUSB302 Datasheet HTML 22Page - ON Semiconductor FUSB302 Datasheet HTML 23Page - ON Semiconductor FUSB302 Datasheet HTML 24Page - ON Semiconductor FUSB302 Datasheet HTML 25Page - ON Semiconductor FUSB302 Datasheet HTML 26Page - ON Semiconductor FUSB302 Datasheet HTML 27Page - ON Semiconductor FUSB302 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
24
www.onsemi.com
Table 14. Mask
Address: 0Ah
Reset Value: 0x0000_0000
Type: Read/Write
Bit #
Name
R/W/C Size (Bits)
Description
7
M_VBUSOK
R/W
1
1: Mask I_VBUSOK interrupt bit.
0: Do not mask.
6
M_ACTIVITY
R/W
1
1: Mask interrupt for a transition in CC bus activity.
0: Do not mask.
5
M_COMP_CHNG
R/W
1
1: Mask I_COMP_CHNG interrupt for change is the value of
COMP, the measure comparator.
0: Do not mask.
4
M_CRC_CHK
R/W
1
1: Mask interrupt from CRC_CHK bit.
0: Do not mask.
3
M_ALERT
R/W
1
1: Mask the I_ALERT interrupt bit.
0: Do not mask.
2
M_WAKE
R/W
1
1: Mask the I_WAKE interrupt bit.
0: Do not mask.
1
M_COLLISION
R/W
1
1: Mask the I_COLLISION interrupt bit.
0: Do not mask.
0
M_BC_LVL
R/W
1
1: Mask a change in host requested current level.
0: Do not mask.
Table 15. Power
Address: 0Bh
Reset Value: 0x0000_0001
Type: Read/Write
Bit #
Name
R/W/C Size (Bits)
Description
7:4
Reserved
N/A
4
Do Not Use
3:0
PWR[3:0]
R/W
4
Power enables:
PWR[0]: Bandgap and wake circuit.
PWR[1]: Receiver powered and current references for Measure
block
PWR[2]: Measure block powered.
PWR[3]: Enable internal oscillator.
Table 16. Reset
Address: 0Ch
Reset Value: 0x0000_0000
Type: Write/Clear
Bit #
Name
R/W/C Size (Bits)
Description
7:2
Reserved
N/A
6
Do Not Use
1
PD_RESET
W/C
1
1: Reset just the PD logic for both the PD transmitter and
receiver.
0
SW_RES
W/C
1
1: Reset the FUSB302 including the I2C registers to their default
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com