Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 23 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 19Page - ON Semiconductor FUSB302 Datasheet HTML 20Page - ON Semiconductor FUSB302 Datasheet HTML 21Page - ON Semiconductor FUSB302 Datasheet HTML 22Page - ON Semiconductor FUSB302 Datasheet HTML 23Page - ON Semiconductor FUSB302 Datasheet HTML 24Page - ON Semiconductor FUSB302 Datasheet HTML 25Page - ON Semiconductor FUSB302 Datasheet HTML 26Page - ON Semiconductor FUSB302 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
23
www.onsemi.com
Table 12. Control2
Address: 08h
Reset Value: 0x0000_0010
Type: (see column below)
Bit #
Name
R/W/C Size (Bits)
Description
7:6
TOG_SAVE_PWR2:
TOG_SAVE_PWR1
N/A
2
00: Don’t go into the DISABLE state after one cycle of
toggle
01: Wait between toggle cycles for tDIS time of 40 ms
10: Wait between toggle cycles for tDIS time of 80 ms
11: Wait between toggle cycles for tDIS time of 160 ms
5
TOG_RD_ONLY
R/W
1
1: When TOGGLE=1 only Rd values will cause the TOGGLE
state machine to stop toggling and trigger the I_TOGGLE
interrupt.
0: When TOGGLE=1, Rd and Ra values will cause the
TOGGLE state machine to stop toggling.
4
Reserved
N/A
1
Do Not Use
3
WAKE_EN
R/W
1
1: Enable Wake Detection functionality if the power state is
correct
0: Disable Wake Detection functionality
2:1
MODE
R/W
2
11: Enable SRC polling functionality if TOGGLE=1
10: Enable SNK polling functionality if TOGGLE=1
01: Enable DRP polling functionality if TOGGLE=1
00: Do Not Use
0
TOGGLE
R/W
1
1: Enable DRP, SNK or SRC Toggle autonomous functionality
0: Disable DRP, SNK and SRC Toggle functionality
Table 13. Control3
Address: 09h
Reset Value: 0x0000_0110
Type: (see column below)
Bit #
Name
R/W/C
Size (Bits)
Description
7
Reserved
N/A
1
Do Not Use
6
SEND_HARD_RESET
W/C
1
1: Send a hard reset packet (highest priority)
0: Don’t send a soft reset packet
5
Reserved
N/A
1
Do Not Use
4
AUTO_HARDRESET
R/W
1
1: Enable automatic hard reset packet if soft reset fail
0: Disable automatic hard reset packet if soft reset fail
3
AUTO_SOFTRESET
R/W
1
1: Enable automatic soft reset packet if retries fail
0: Disable automatic soft reset packet if retries fail
2:1
N_RETRIES[1:0]
R/W
2
11: Three retries of packet (four total packets sent)
10: Two retries of packet (three total packets sent)
01: One retry of packet (two total packets sent)
00: No retries (similar to disabling auto retry)
0
AUTO_RETRY
R/W
1
1: Enable automatic packet retries if GoodCRC is not
received
0: Disable automatic packet retries if GoodCRC not
received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com