Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 25 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 21Page - ON Semiconductor FUSB302 Datasheet HTML 22Page - ON Semiconductor FUSB302 Datasheet HTML 23Page - ON Semiconductor FUSB302 Datasheet HTML 24Page - ON Semiconductor FUSB302 Datasheet HTML 25Page - ON Semiconductor FUSB302 Datasheet HTML 26Page - ON Semiconductor FUSB302 Datasheet HTML 27Page - ON Semiconductor FUSB302 Datasheet HTML 28Page - ON Semiconductor FUSB302 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
25
www.onsemi.com
Table 17. OCPreg
Address: 0Dh
Reset Value: 0x0000_1111
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Description
7:4
Reserved
N/A
4
Do Not Use
3
OCP_RANGE
R/W
1
1: OCP range between 100 mA-800 mA (max_range=800 mA)
0: OCP range between 10 mA-80 mA (max_range=80 mA)
2:0
OCP_CUR2,
OCP_CUR1,
OCP_CUR0
R/W
3
111: max_range (see bit definition above for OCP_RANGE)
110: 7*max_range/8
101: 6*max_range/8
100: 5*max_range/8
011: 4*max_range/8
010: 3*max_range/8
001: 2*max_range/8
000: max_range/8
Table 18. Maska
Address: 0Eh
Reset Value: 0x0000_0000
Type: Read/Write
Bit #
Name
R/W/
C
Size (Bits)
Description
7
M_OCP_TEMP
R/W
1
1: Mask the I_OCP_TEMP interrupt
6
M_TOGDONE
R/W
1
1: Mask the I_TOGDONE interrupt
5
M_SOFTFAIL
R/W
1
1: Mask the I_SOFTFAIL interrupt
4
M_RETRYFAIL
R/W
1
1: Mask the I_RETRYFAIL interrupt
3
M_HARDSENT
R/W
1
1: Mask the I_HARDSENT interrupt
2
M_TXSENT
R/W
1
1: Mask the I_TXSENT interrupt
1
M_SOFTRST
R/W
1
1: Mask the I_SOFTRST interrupt
0
M_HARDRST
R/W
1
1: Mask the I_HARDRST interrupt
Table 19. Maskb
Address: 0Fh
Reset Value: 0x0000_0000
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Description
7:1
Reserved
N/A
6
Do Not Use
0
M_GCRCSENT
R/W
1
1: Mask the I_GCRCSENT interrupt
Table 20. Control4
Address: 10h
Reset Value: 0x0000_0000
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Description
7:1
Reserved
N/A
6
Do Not Use
0
TOG_USRC_EXIT
R/W
1
1: In TOGGLE mode, stop toggling and exit to STOP_AUD if
both CC1 and CC2 are detected in the Ra voltage range when
in Unattached.DFP state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com