Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 17 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 13Page - ON Semiconductor FUSB302 Datasheet HTML 14Page - ON Semiconductor FUSB302 Datasheet HTML 15Page - ON Semiconductor FUSB302 Datasheet HTML 16Page - ON Semiconductor FUSB302 Datasheet HTML 17Page - ON Semiconductor FUSB302 Datasheet HTML 18Page - ON Semiconductor FUSB302 Datasheet HTML 19Page - ON Semiconductor FUSB302 Datasheet HTML 20Page - ON Semiconductor FUSB302 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
17
www.onsemi.com
I2C Specifications Fast Mode Plus I2C Specification
Symbol
Parameter
Fast Mode Plus
Min.
Max.
Unit
fSCL
I2C_SCL Clock Frequency
0
1000
kHz
tHD;STA
Hold Time (Repeated) START Condition
0.26
µs
tLOW
Low Period of I2C_SCL Clock
0.5
µs
tHIGH
High Period of I2C_SCL Clock
0.26
µs
tSU;STA
Set-up Time for Repeated START Condition
0.26
µs
tHD;DAT
Data Hold Time
0
µs
tSU;DAT
Data Set-up Time
50
ns
tr
Rise Time of I2C_SDA and I2C_SCL Signals(8)
120
ns
tf
Fall Time of I2C_SDA and I2C_SCL Signals(8)
6
120
ns
tSU;STO
Set-up Time for STOP Condition
0.26
µs
tBUF
Bus-Free Time between STOP and START Conditions(8)
0.5
µs
tSP
Pulse Width of Spikes that Must Be Suppressed by the Input Filter
0
50
ns
Cb
Capacitive Load for each Bus Line(8)
550
pF
tVD-DAT
Data Valid Time for Data from SCL LOW to SDA HIGH or LOW
Output(8)
0
0.45
µs
tVD-ACK
Data Valid Time for acknowledge from SCL LOW to SDA HIGH or
LOW Output(8)
0
0.45
µs
VnL
Noise Margin at the LOW Level(8)
0.2
V
VnH
Noise Margin at the HIGH Level(8)
0.4
V
Note:
8.
Guaranteed by characterization. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com