Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 14 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 10Page - ON Semiconductor FUSB302 Datasheet HTML 11Page - ON Semiconductor FUSB302 Datasheet HTML 12Page - ON Semiconductor FUSB302 Datasheet HTML 13Page - ON Semiconductor FUSB302 Datasheet HTML 14Page - ON Semiconductor FUSB302 Datasheet HTML 15Page - ON Semiconductor FUSB302 Datasheet HTML 16Page - ON Semiconductor FUSB302 Datasheet HTML 17Page - ON Semiconductor FUSB302 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
14
www.onsemi.com
Type-C CC Switches
Symbol
Parameter
TA=-40 to +85°C
TJ=-40 to +125°C
Unit
Min.
Typ.
Max.
RSW_CCx
RDSON for SW1_CC1 and SW1_CC2
VCONN to CC1 & CC2
0.4
1.2
Ω
ISW_CCX
Over-Current Protection (OCP) limit at which VCONN switch shuts
off over the entire VCONN voltage range. OCPreg=0Fh.
600
800
1000
mA
tSoftStart
Time taken for the VCONN switch to turn on during which Over-
Current Protection is disabled
1.5
ms
I80_CCX
SRC 80 µA CC current (Default) HOST_CUR1=0,
HOST_CUR0=1
64
80
96
µA
I180_CCX
SRC 180 µA CC Current (1.5 A) HOST_CUR1=1,
HOST_CUR0=0
166
180
194
µA
I330_CCX
SRC 330 µA CC Current (3 A) HOST_CUR1=1, HOST_CUR0=1
304
330
356
µA
VUFPDB
SNK Pull-down Voltage in Dead Battery under all Pull-up SRC
Loads
2.18
V
RDEVICE
Device Pull-down Resistance(6)
4.6
5.1
5.6
kΩ
zOPEN
CC Resistance for Disabled State
126
kΩ
WAKElow
Wake threshold for CC pin SRC or SNK LOW value. Assumes
bandgap and wake circuit turned on ie PWR[0]=1
0.25
V
WAKEhigh
Wake threshold for CC pin SRC or SNK HIGH value. Assumes
bandgap and wake circuit turned on ie PWR[0]=1
1.45
V
vBC_LVLhys
Hysteresis on the Ra and Rd Comparators
20
mV
vBC_LVL
CC Pin Thresholds,
Assumes PWR=4’h7
BC=2’b00
0.15
0.20
0.25
V
BC=2’b01
0.61
0.66
0.70
V
BC=2’b10
1.16
1.23
1.31
V
vMDACstepCC
Measure block MDAC step size for each code in MDAC[5:0]
register
42
mV
vMDACstepVBUS
Measure block MDAC step size for each code in MDAC[5:0]
register for VBUS measurement
420
mV
vVBUSthr
VBUS threshold at which I_VBUSOK interrupt is triggered.
Assumes measure block on ie PWR[2]=1.
4.0
V
tTOG1
When TOGGLE=1, time at which internal versions of
PU_EN1=PU_EN2=0 and PWDN1=PDWN2=1 selected to
present externally as a SNK in the DRP toggle
30
45
60
ms
tTOG2
When TOGGLE=1, time at which internal versions of PU_EN1=1
or PU_EN2=1 and PWDN1=PDWN2=0 selected to present
externally as a SRC in the DRP toggle
20
30
40
ms
tDIS
Disable time after a full
toggle (tTOG1+tTOG2)
cycle so as to save power
TOG_SAVE_PWR2:1=00
0
ms
TOG_SAVE_PWR2:1=01
40
TOG_SAVE_PWR2:1=10
80
TOG_SAVE_PWR2:1=11
160
Tshut
Temp. for Vconn Switch Off
145
°C
Thys
Temp. Hysteresis for Vconn Switch Turn On
10
°C
Note:
6.
RDEVICE minimum and maximum specifications are only guaranteed when power is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com