Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 7Page - ON Semiconductor FUSB302 Datasheet HTML 8Page - ON Semiconductor FUSB302 Datasheet HTML 9Page - ON Semiconductor FUSB302 Datasheet HTML 10Page - ON Semiconductor FUSB302 Datasheet HTML 11Page - ON Semiconductor FUSB302 Datasheet HTML 12Page - ON Semiconductor FUSB302 Datasheet HTML 13Page - ON Semiconductor FUSB302 Datasheet HTML 14Page - ON Semiconductor FUSB302 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
11
www.onsemi.com
I2C Interface
The FUSB302 includes a full I2C slave controller. The I2C
slave fully complies with the I2C specification version 6
requirements. This block is designed for Fast Mode Plus
traffic up to 1 MHz SCL operation.
The TOGGLE features allow for very low power operation
with slow clocking thus may not be fully compliant to the
1 MHz operation. Examples of an I2C write and read
sequence are shown in Figure 13 and Figure 14
respectively.
Figure 13.
I2C Write Example
Figure 14.
I2C Read Example
S
WR A
A
A
A
A
A P
Note:
Single Byte read is initiated by Master with P immediately following first data byte
8bits
8bits
8bits
Write Data K+2
Slave Address
Register Address K
Write Data
Write Data K+1
Write Data K+N-1
S
WR A
A S
RD A
A
A
NA P
Register address to Read specified
Note:
8bits
If Register is not specified Master will begin read from current register. In this case only sequence showing in Red
bracket is needed
Single or multi byte read executed from current register location (Single Byte read is
initiated by Master with NA immediately following first data byte)
Read Data K+1
Read Data K+N-1
8bits
8bits
8bits
Slave Address
Register Address K
Read Data K
Slave Address
From Master to Slave
S
Start Condition
NA NOT Acknowledge (SDA High)
RD
Read =1
From Slave to Master
A
Acknowledge (SDA Low)
WR Write=0
P
Stop Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com