Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 27 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 23Page - ON Semiconductor FUSB302 Datasheet HTML 24Page - ON Semiconductor FUSB302 Datasheet HTML 25Page - ON Semiconductor FUSB302 Datasheet HTML 26Page - ON Semiconductor FUSB302 Datasheet HTML 27Page - ON Semiconductor FUSB302 Datasheet HTML 28Page - ON Semiconductor FUSB302 Datasheet HTML 29Page - ON Semiconductor FUSB302 Datasheet HTML 30Page - ON Semiconductor FUSB302 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
27
www.onsemi.com
Table 23. Interrupta
Address: 3Eh
Reset Value: 0x0000_0000
Type: Read/Clear
Bit #
Name
R/W/C
Size (Bits)
Description
7
I_OCP_TEMP
R/C
1
1: Interrupt from either a OCP event on one of the VCONN
switches or an over-temperature event
6
I_TOGDONE
R/C
1
1: Interrupt indicating the TOGGLE functionality was
terminated because a device was detected.
5
I_SOFTFAIL
R/C
1
1: Interrupt from automatic soft reset packets with retries
have failed
4
I_RETRYFAIL
R/C
1
1: Interrupt from automatic packet retries have failed
3
I_HARDSENT
R/C
1
1: Interrupt from successfully sending a hard reset ordered
set
2
I_TXSENT
R/C
1
1: Interrupt to alert that we sent a packet that was
acknowledged with a GoodCRC response packet
1
I_SOFTRST
R/C
1
1: Received a soft reset packet
0
I_HARDRST
R/C
1
1: Received a hard reset ordered set
Table 24. Interruptb
Address: 3Fh
Reset Value: 0x0000_0000
Type: Read/Clear
Bit #
Name
R/W/C
Size (Bits)
Description
7
Reserved
N/A
6
Do Not Use
0
I_GCRCSENT
R/C
1
1: Sent a GoodCRC acknowledge packet in response to an
incoming packet that has the correct CRC value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com