Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 8Page - ON Semiconductor FUSB302 Datasheet HTML 9Page - ON Semiconductor FUSB302 Datasheet HTML 10Page - ON Semiconductor FUSB302 Datasheet HTML 11Page - ON Semiconductor FUSB302 Datasheet HTML 12Page - ON Semiconductor FUSB302 Datasheet HTML 13Page - ON Semiconductor FUSB302 Datasheet HTML 14Page - ON Semiconductor FUSB302 Datasheet HTML 15Page - ON Semiconductor FUSB302 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
12
www.onsemi.com
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VvDD
Supply Voltage from VDD
-0.5
6.0
V
VCC_HDDRP
CC pins when configured as Host, Device or Dual Role Port
-0.5
6.0
V
VVBUS
VBUS Supply Voltage
-0.5
28.0
V
TSTORAGE
Storage Temperature Range
-65
+150
C
TJ
Maximum Junction Temperature
+150
C
TL
Lead Temperature (Soldering, 10 Seconds)
+260
C
ESD
IEC 61000-4-2 System ESD
Connector Pins
(VBUS, CCx)
Air Gap
15
kV
Contact
8
Human Body Model,
ANSI/ESDA/JEDEC JS-001-2012
All Pins
4
kV
Charged Device Model, JEDEC
JESD22-C101
All Pins
1
kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance. ON Semiconductor does not recommend
exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VVBUS
VBUS Supply Voltage
4.0
5.0
21.0
V
VVDD
VDD Supply Voltage
2.8(3)
3.3
5.5
V
VVCONN
VCONN Supply Voltage
2.7
5.5
V
IVCONN
VCONN Supply Current
560
mA
TA
Operating Temperature
-40
+85
C
Note:
3. This is for functional operation only and not the lowest limit for all subsequent electrical specifications below. All
electrical parameters have a minimum of 3.0 V operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com