Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FUSB302 Datasheet HTML 6Page - ON Semiconductor FUSB302 Datasheet HTML 7Page - ON Semiconductor FUSB302 Datasheet HTML 8Page - ON Semiconductor FUSB302 Datasheet HTML 9Page - ON Semiconductor FUSB302 Datasheet HTML 10Page - ON Semiconductor FUSB302 Datasheet HTML 11Page - ON Semiconductor FUSB302 Datasheet HTML 12Page - ON Semiconductor FUSB302 Datasheet HTML 13Page - ON Semiconductor FUSB302 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
10
www.onsemi.com
Figure 12.
USB BMC Power Delivery Blocks
Power Level Determination
The
Type-C
specification
outlines
the
order
of
precedence for power level determination which covers
power levels from basic USB2.0 levels to the highest
levels of USB PD. The host software is expected to
follow the USB Type-C specification for charging current
priority based on feedback from the FUSB302 detection,
external BC1.2 detection and any USB Power Delivery
communication.
The FUSB302 does not integrate BC1.2 charger
detection which is assumed available in the USB
transceiver or USB charger in the system.
Power Up, Initialization and Reset
When power is first applied through VDD, the FUSB302
is reset and registers are initialized to the default values
shown in the register map.
The FUSB302 can be reset through software by
programming the SW_RES bit in the RESET register.
If no power applied to VDD then the SRC can recognize
the FUSB302 as a SNK.
PD Automatic Receive GoodCRC
The power delivery packets require a GoodCRC
acknowledge packet to be sent for each received packet
where the calculated CRC is the correct value. This
calculation is done by the FUSB302 and triggers the
I_CRC_CHK interrupt if the CRC is good. If the
AUTO_CRC
(Switches1
register
bit)
is
set
and
AUTO_PRE=0, then the FUSB302 will automatically
send the GoodCRC control packet in response to
alleviate the local processor from responding quickly to
the received packet. If GoodCRC is required for
anything beyond SOP, then enable SOP*.
PD Send
The FUSB302 implements part of the PD protocol layer
for sending packets in an autonomous fashion.
PD Automatic Sending Retries
If GoodCRC packet is not received and AUTO_RETRY
is set, then a retry of the same message that was in the
TxFIFO written by the processor is executed within
tRetry and that is repeated for NRETRY times.
PD Send Soft Reset
If the correct GoodCRC packet is still not received for all
retries then I_RETRYFAIL interrupt is triggered and if
AUTO_SOFT_RESET is set, then a Soft Reset packet
is created (MessageID is set to 0 and the processor
upon servicing I_RETRYFAIL would set the true
MessageIDCounter to 0.
If this Soft Reset is sent successfully where a GoodCRC
control packet is received with a MessageID=0 then
I_TXSENT interrupt occurs.
If not, this Soft Reset packet is retried NRETRIES times
(MessageID is always 0 for all retries) if a GoodCRC
acknowledge
packet
is
not
received
with
CRCReceiveTimer expiring (tReceive of 1.1 ms max). If
all retries fail, then I_SOFTFAIL interrupt is triggered.
PD Send Hard Reset
If all retries of the soft reset packet fail and if
AUTO_HARD_RESET is set, then a hard reset ordered
set is sent by loading up the TxFIFO with RESET1,
RESET1, RESET1, RESET2 and sending a hard reset.
Note only one hard reset is sent since the typical retry
mech
anism doesn’t apply. The processor’s policy
engine firmware is responsible for retrying the hard
reset is it doesn’t receive the required response.
FIFO
FIFO
Code/
Control
Logic
CDR
CRC32
Tx
CRC32
Rx
4B5B
4B5B
BMC
BMC
CC1
CC2
Hard
Reset
Soft Reset
Automatic
Sending Retries
PD Packet
Sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com