Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 3Page - Omron Electronics LLC V600-H11-R Datasheet HTML 4Page - Omron Electronics LLC V600-H11-R Datasheet HTML 5Page - Omron Electronics LLC V600-H11-R Datasheet HTML 6Page - Omron Electronics LLC V600-H11-R Datasheet HTML 7Page - Omron Electronics LLC V600-H11-R Datasheet HTML 8Page - Omron Electronics LLC V600-H11-R Datasheet HTML 9Page - Omron Electronics LLC V600-H11-R Datasheet HTML 10Page - Omron Electronics LLC V600-H11-R Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Electromagnetic Coupling RFID System
V600
7
■ Read/Write (R/W) Heads with Separate Amplifier
Note: 1. Extension cables are also available. The maximum cable length is 50 m for the V600-HA51. Extension cables are not available for the
V600-HS51/HS61.
2. The connectors are not water-resistant.
Model
Sensor section
Amplifier section
Item
V600-HS51
V600-HS61
V600-HA51
Oscillation frequency
530 kHz
---
Ambient temperature
−10 to 60°C
Storage temperature
−25 to 75°C
Ambient humidity
35% to 95%
Insulation resistance
50 M
Ω min. (at 500 VDC) between cable terminals and case
Dielectric strength
1,000 VAC 50/60 Hz for 1 min between cable terminals and case (Leakage current: 1 mA max.)
Degree of protection
IEC 60529: IP67
IEC 60529: IP66
Vibration resistance
(destruction)
10 to 2,000 Hz, 1.5-mm single amplitude, 300 m/s2 accel-
eration with 2 sweeps of 15 min each in 3 directions
Installed in panel
10 to 2,000 Hz, 1.5-mm single am-
plitude, 300-m/s2 acceleration with 2
sweeps of 11 min each in 3 direc-
tions
DIN Track installa-
tion
10 to 500 Hz, 1.0-mm single ampli-
tude, 150-m/s2 acceleration with 3
sweeps of 11 min each in 3 direc-
tions
Shock resistance
(destruction)
1,000 m/s2 3 times each in 3 directions (18 times total)
500 m/s2 3 times each in 3 directions (18 times total)
Cable length Sensor to
amplifier
2 m (fixed)
---
Amplifier to
controller
---
Standard lengths of 2 m, 5 m, and 10 m (See note 1.)
Wireless transmission
error detection
16-bit CRC in both directions (CRC: Cyclic Redundancy Check)
Indicators
---
Power: green; transmission: orange
Weight
Approx. 70 g (with 2-m cable)
Approx. 650 g (with 10-m cable)
Q124-E1-03.fm Page 7 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com