Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 5 Page - Omron Electronics LLC

  V600-H11-R Datasheet HTML 1Page - Omron Electronics LLC V600-H11-R Datasheet HTML 2Page - Omron Electronics LLC V600-H11-R Datasheet HTML 3Page - Omron Electronics LLC V600-H11-R Datasheet HTML 4Page - Omron Electronics LLC V600-H11-R Datasheet HTML 5Page - Omron Electronics LLC V600-H11-R Datasheet HTML 6Page - Omron Electronics LLC V600-H11-R Datasheet HTML 7Page - Omron Electronics LLC V600-H11-R Datasheet HTML 8Page - Omron Electronics LLC V600-H11-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Electromagnetic Coupling RFID System
V600
5
■ Data Carriers with Large Memory Capacity
Note: 1. A low battery detection function is built-in.
2. The battery life is applicable for batteries used at a temperature of 25
°C. Refer to “Temperature and Battery Life” on page 22 for details
on the relationship between temperature and battery life. The lithium battery is commercially available (CR2016).
3. The Data Carrier is dustproof when the provided battery replacement cover seal is used.
4. Data holding time: 10 years
Shape
Built-in-battery
Battery-less
Replaceable-battery
Rectangular
Compact
Rectangular Thin
Rectangular
Intermediate Range
Rectangular
Intermediate Range
Rectangular
Compact with
Replaceable Battery
Item
Model
V600-D8KR12
V600-D8KR13
V600-D8KR04
V600-D8KF04
V600-D2KR16
Memory capacity
8 KB
2 KB
Memory type
SRAM (volatile memory)
FeRAM
(nonvolatile memory)
SRAM
(volatile memory)
Transmission distance Refer to “Transmission Distance Specifications for Data Carriers with Large Memory Capacity (Built-in-battery/Battery-
less/Replaceable-battery)” on page 15
Battery life (See note
1.)
Refer to “Battery Life” on page 22
--- (See note 4.)
2 years (at 25
°C)
(See note 2.)
Number of reads/writes Unlimited
1,000 million
Unlimited (Does not
affect battery life)
Transmission error
detection
16-bit CRC in both directions (CRC: Cyclic Redundancy Check)
Ambient
temperature
For data
storage
−40 to 70°C
−15 to 70°C
For
reading/
writing
−25 to 70°C
0 to 50
°C
Storage temperature
−40 to 70°C
−15 to 70°C
Ambient humidity
35% to 95%
35% to 85%
Storage humidity
35% to 95%
Degree of protection
IEC 60529: IP67
IEC 60529: IP50 (dust-
proof) (See note 3.)
Vibration resistance
(destruction)
10 to 500 Hz, 1.0-mm single amplitude, 150 m/s2 acceleration with 3 sweeps of 11 min each in
X, Y, and Z directions
10 to 150 Hz, 0.75-mm
single amplitude, 100-
m/s2 acceleration for
30 min each in X, Y,
and Z directions
Shock resistance
(destruction)
1,000 m/s2 3 times each in X, Y, and Z directions (18 times total)
500 m/s2 3 times each
in X, Y, and Z direc-
tions (18 times total)
300 m/s2 3 times each
in X, Y, and Z direc-
tions (18 times total)
Weight
Approx. 70 g
Approx. 160 g
Approx. 150 g
Approx. 15 g
Q124-E1-03.fm Page 5 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com