Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 19Page - Omron Electronics LLC V600-H11-R Datasheet HTML 20Page - Omron Electronics LLC V600-H11-R Datasheet HTML 21Page - Omron Electronics LLC V600-H11-R Datasheet HTML 22Page - Omron Electronics LLC V600-H11-R Datasheet HTML 23Page - Omron Electronics LLC V600-H11-R Datasheet HTML 24Page - Omron Electronics LLC V600-H11-R Datasheet HTML 25Page - Omron Electronics LLC V600-H11-R Datasheet HTML 26Page - Omron Electronics LLC V600-H11-R Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Electromagnetic Coupling RFID System
V600
23
Precautions
Data Carrier Batteries
Built-in-battery Data Carriers
Replaceable-battery Data Carriers
■ Mutual Interference (Reference Values)
Mutual Interference between R/W Heads
When more than one set of R/W Heads are used, mutual interference between the Heads can be avoided by mounting the Heads at the specified
distance as shown below.
V600-H07
• Facing
RD/WT command: 650 mm min.
Auto command: 900 mm min.
• Side-by-side
RD/WT command: 550 mm min.
Auto command: 1,200 mm min.
V600-H11
• Facing
RD/WT command: 200 mm min.
Auto command: 200 mm min.
• Side-by-side
RD/WT command: 200 mm min.
Auto command: 200 mm min.
WARNING
The SRAM-type Data Carrier has a built-in lithium
battery which may occasionally ignite, explode, and
burn if mishandled. Do not disassemble, deform,
heat above 212
°F (100°C), or incinerate the Data
Carrier.
WARNING
The SRAM-type Data Carrier has replaceable lithium
batteries which may occasionally take fire, explode,
burn, or leak liquid if mishandled. Do not deform,
heat above 212
°F (100°C), incinerate, or charge the
batteries, or short-circuit their positive and negative
terminals.
650 mm min.
(900 mm min.)
550 mm min.
(1,200 mm min.)
200 mm min.
200 mm min.
Q124-E1-03.fm Page 23 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com