Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 5Page - Omron Electronics LLC V600-H11-R Datasheet HTML 6Page - Omron Electronics LLC V600-H11-R Datasheet HTML 7Page - Omron Electronics LLC V600-H11-R Datasheet HTML 8Page - Omron Electronics LLC V600-H11-R Datasheet HTML 9Page - Omron Electronics LLC V600-H11-R Datasheet HTML 10Page - Omron Electronics LLC V600-H11-R Datasheet HTML 11Page - Omron Electronics LLC V600-H11-R Datasheet HTML 12Page - Omron Electronics LLC V600-H11-R Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Electromagnetic Coupling RFID System
V600
9
■ V600-IDSC
Series
V600-IDSC Series
Model
Item
V600-IDSC02
V600-IDSC04
Host interface
RS-232C
Possible number of R/W Heads
24
Power supply voltage
24 VDC
Acceptable power supply voltage
19.2 to 28.8 VDC
Power consumption
50 W max.
Insulation resistance
20 M
Ω min. (at 500 VDC) between power supply terminals and frame ground terminals
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between power supply terminals and frame ground terminals with a de-
tected current of10 mA max.
Vibration resistance
10 to 50 Hz, 0.075-mm amplitude, 57 to 150 Hz, 9.8 m/s2 acceleration for 10 sweeps each in X, Y, and Z
directions
Shock resistance
147 m/s2 3 times each in X, Y, and Z directions
Ambient temperature
0 to 55
°C (with no icing)
Ambient humidity
10% to 90% (with no condensation)
Storage temperature
−20 to 75°C (with no icing)
Storage humidity
10% to 90% (with no condensation)
Ground
Ground to 100
Ω or less.
Ground to 100
Ω or less.
Construction
Installed in panel
Installed in panel
Weight
Approx. 700 g
Approx. 800 g
POWER
POWER
DC24V
DC24V
INPUT
INPUT
MAON
MAON
No.
No.
X10
X10
HEAD1
HEAD1
HEAD2
HEAD2
OUT
OUT
IN
IN
1
2
3
4
5
1
2
3
TEST
TEST
ON
ON
POWER
POWER
DC24V
DC24V
INPUT
INPUT
MAON
MAON
No.
No.
X10
X10
HEAD1
HEAD1
HEAD2
HEAD2
HEAD1
HEAD1
HEAD2
HEAD2
MAON
MAON
No.
No.
X10
X10
OUT
OUT
IN
IN
1
2
3
4
5
1
2
3
TEST
TEST
ON
ON
TEST
TEST
ON
ON
Q124-E1-03.fm Page 9 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com