Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 17Page - Omron Electronics LLC V600-H11-R Datasheet HTML 18Page - Omron Electronics LLC V600-H11-R Datasheet HTML 19Page - Omron Electronics LLC V600-H11-R Datasheet HTML 20Page - Omron Electronics LLC V600-H11-R Datasheet HTML 21Page - Omron Electronics LLC V600-H11-R Datasheet HTML 22Page - Omron Electronics LLC V600-H11-R Datasheet HTML 23Page - Omron Electronics LLC V600-H11-R Datasheet HTML 24Page - Omron Electronics LLC V600-H11-R Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Electromagnetic Coupling RFID System
V600
21
■ Communications Time
• The communications time does not depend on the model of R/W
Head or Data Carrier, although communications times differ
between Data Carriers with and without batteries.
• The turn around time (TAT) is the total time required from the issu-
ance of a command from the host device (for example, a host com-
puter) until the reception of a response.
• The lower-level communications time does not include the host
communications; it is the time required for communications
between the R/W Head and Data Carrier. The lower-level commu-
nications time is used in the equation for the DC speed.
DC Speed = (Distance travelled in the transmission range)/
(Lower-level communications time)
Lower-level Communications Time with
Built-in-battery Data Carriers (Reference)
Calculation (Reference)
N is the number of processing bytes.
V600-D8KF04 (Battery-less)
Calculation (Reference)
N is the number of processing bytes.
Lower-level Communications Time with
Battery-less Data Carriers (Reference)
(Battery-less Models Excluding V600-
D8KF04)
Calculation (Reference)
N is the number of processing bytes.
TAT (Turn Around Time)
Lower-level communications time
Command
Response
RD001122
……………*
RDH1
……………*
Lower-level communications time
(ms)
READ
t = 1.8 N + 48.4
WRITE
t = 4.2 N + 86.5
Lower-level communications time
(ms)
READ
t = 1.8 N + 168.4
WRITE
t = 4.2 N + 206.5
1,000
800
600
400
200
0
1
50
100
150
200
250
300
Number of bytes
(Auto) Read
(Auto) Write
1,000
800
600
400
200
0
1
50
100
150
200
250
300
Number of bytes
(Auto)Read
(Auto)Write
R/W
Lower-level communications
time (ms)
Distance
priority mode
READ
t = 4.3 N + 64.6
WRITE
t = 8.7 N + 167.1
Time priority
mode
READ
t = 1.8 N + 79.0
WRITE
t = 7.1 N + 180.4
2,500
2,000
1,500
1,000
500
0
50
100
150
200
250
300
Number of bytes
(Auto) Read
(Auto) Write
Transmission distance priority mode
Transmission time priority mode
Q124-E1-03.fm Page 21 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com