Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 6Page - Omron Electronics LLC V600-H11-R Datasheet HTML 7Page - Omron Electronics LLC V600-H11-R Datasheet HTML 8Page - Omron Electronics LLC V600-H11-R Datasheet HTML 9Page - Omron Electronics LLC V600-H11-R Datasheet HTML 10Page - Omron Electronics LLC V600-H11-R Datasheet HTML 11Page - Omron Electronics LLC V600-H11-R Datasheet HTML 12Page - Omron Electronics LLC V600-H11-R Datasheet HTML 13Page - Omron Electronics LLC V600-H11-R Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
Electromagnetic Coupling RFID System
V600
■ Transmission Distance Specifications for Battery-less Data Carriers
with Small Memory Capacity
Note: 1. The transmission distance/transmission time priority mode setting can be made using the lower-level transmission mode setting switch
or memory switch only with a Serial-interface Controller or ID Sensor Unit.
2. With Parallel-interface Controllers, the mode setting is always transmission distance priority.
3. The specifications take fluctuations in ambient temperature and slight differences between products into account.
Recommended combinations
Installation
Controller
mode
Transmission
distance
Condition for DC and R/W head
installation
Data Carrier
R/W Head
V600-D23P71
V600-H07
Stationary
Read dis-
tance
Irrelevant
10 to 70 mm (max. axi-
al offset ±10 mm)
These Data Carriers are for installa-
tion on non-metallic surfaces only.
Data transmission will be impossi-
ble if the DC is installed directly on
a metal surface. Refer to the V600
R/W Heads and EEPROM Data
Carriers Operation Manual (Cat.
No. Z128) for details.
Write dis-
tance
Moving
Read dis-
tance
30 to 60 mm (max. axi-
al offset ±10 mm)
Write dis-
tance
V600-H11/-H11-R
Stationary
Read dis-
tance
Irrelevant
5 to 40 mm (max. axial
offset ±10 mm)
Write dis-
tance
Moving
Read dis-
tance
15 to 40 mm (max. axi-
al offset ±10 mm)
Write dis-
tance
V600-D23P72
V600-H07
Stationary
Read dis-
tance
Irrelevant
10 to 50 mm (max. axi-
al offset ±10 mm)
Write dis-
tance
Moving
Read dis-
tance
30 to 40 mm (max. axi-
al offset ±10 mm)
Write dis-
tance
V600-H11/-H11-R
Stationary
Read dis-
tance
Irrelevant
5 to 30 mm (max. axial
offset ±10 mm)
Write dis-
tance
Moving
Read dis-
tance
15 to 30 mm (max. axi-
al offset ±10 mm)
Write dis-
tance
V600-D23P71/72
Data Carrier
(Resin, plastic, wood, etc.)
Non-metallic
R/W Head
Iron
Q124-E1-03.fm Page 10 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com